Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV320AIC21 Datasheet(PDF) 5 Page - Texas Instruments

Part # TLV320AIC21
Description  Low-Power, Highly-Integrated, Programmable 16-Bit, 26-KSPS, Dual-Channel CODEC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC21 Datasheet(HTML) 5 Page - Texas Instruments

  TLV320AIC21 Datasheet HTML 1Page - Texas Instruments TLV320AIC21 Datasheet HTML 2Page - Texas Instruments TLV320AIC21 Datasheet HTML 3Page - Texas Instruments TLV320AIC21 Datasheet HTML 4Page - Texas Instruments TLV320AIC21 Datasheet HTML 5Page - Texas Instruments TLV320AIC21 Datasheet HTML 6Page - Texas Instruments TLV320AIC21 Datasheet HTML 7Page - Texas Instruments TLV320AIC21 Datasheet HTML 8Page - Texas Instruments TLV320AIC21 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
www.ti.com
Electrical Characteristics
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
TLV320AIC20, TLV320AIC21
TLV320AIC24, TLV320AIC25
TLV320AIC20K, TLV320AIC24K
SLAS363D – MARCH 2002 – REVISED APRIL 2005
All specifications are common across the AIC20, AIC21, AIC24, AIC25, AIC20K, and AIC24K except where
explicitly stated.
AIC20/21/24/25: Over Recommended Operating Free-Air Temperature Range, AVDD = 3.3 V, DVDD = 1.8 V,
IOVDD = 3.3 V (Unless Otherwise Noted)
AIC20K/24K: Over Recommended Operating Free-Air Temperature Range, AVDD = 3.3 V, DVDD = 1.8 V,
IOVDD = 3.3 V (Unless Otherwise Noted)
over Operating Free-Air Temperature Range (Unless Otherwise Noted)
TLV320AIC2x
VCC
Supply voltage range:
DVDD(2)
-0.3 V to 2.25 V
AVDD, IOVDD, DRVDD(2)
-0.3 V to 4 V
VO
Output voltage range, all digital output signals
-0.3 V to IOVDD + 0.3 V
VI
Input voltage range, all digital input signals
-0.3 V to IOVDD + 0.3 V
TA
Operating free-air temperature range
-40°C to 85°C
Tstg
Storage temperature range
-65°C to 150°C
Case temperature for 10 seconds: package
260°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to VSS.
MIN
NOM
MAX
UNIT
Analog, AVDD
2.7
3.3
3.6
V
Analog output driver, DRVDD(1)
2.7
3.3
3.6
V
VCC
Supply voltage
Digital core, DVDD
1.65
1.8
1.95
V
Digital I/O, IOVDD
1.1
3.3
3.6
V
Analog single-ended peak-to-peak input voltage, VI(analog)
2
V
Between LINEO+ and LINEO- (differential)
600
Between HDSO+ and HDSO- (differential)
150
RL
Output load resistance,
Ω
Between HNSO+ and HDSO- (differential)
150
Between SPKO+ and SPKO- (differential)
8
CL
Analog output load capacitance
20
pF
Digital output capacitance
20
pF
Master clock
100
MHz
ADC or DAC conversion rate
26
kHz
TA
Operating free-air temperature,
-40
85
°C
(1)
DRVDD should be kept at the same voltage as AVDD.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com