Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV320AIC21 Datasheet(PDF) 12 Page - Texas Instruments

Part # TLV320AIC21
Description  Low-Power, Highly-Integrated, Programmable 16-Bit, 26-KSPS, Dual-Channel CODEC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC21 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLV320AIC21 Datasheet HTML 8Page - Texas Instruments TLV320AIC21 Datasheet HTML 9Page - Texas Instruments TLV320AIC21 Datasheet HTML 10Page - Texas Instruments TLV320AIC21 Datasheet HTML 11Page - Texas Instruments TLV320AIC21 Datasheet HTML 12Page - Texas Instruments TLV320AIC21 Datasheet HTML 13Page - Texas Instruments TLV320AIC21 Datasheet HTML 14Page - Texas Instruments TLV320AIC21 Datasheet HTML 15Page - Texas Instruments TLV320AIC21 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
www.ti.com
DAC
+
+
Σ−∆
DAC
0 dB to −42 dB
(1.5 dB Steps).
−48 dB, −54 dB
Analog Sidetone
−9 dB to −27 dB
Σ−∆
ADC
0 dB to 42 dB
(1.5 dB Steps).
48 dB, 54 dB
Σ−∆
DAC
0 dB to −42 dB
(1.5 dB Steps).
−48 dB, −54 dB
Σ−∆
ADC
0 dB to 42 dB
(1.5 dB Steps).
48 dB, 54 dB
Analog Sidetone
−9 dB to −27 dB
1.35 V / 2.35
2 mA
SMARTDM™
Serial Port
Internal Clock
Generator
Host Port
OUTP1
OUTM1
Line Output
600
Ω
OUTP2
OUTM2
150
Ω Output
INP2
INM2
Input
OUTP3
OUTM3
150
Ω Output
INP3
INM3
Input
MICI+
MICI−
Microphone
Input
INP1
INM1
Input
INP4
INM4
MICBIAS
LCDAC
MCLK
FSD
DOUT
DIN SCLK
FS
M/S
SDA
SCL
CODEC 1 (Channel 1)
CODEC 2 (Channel 2)
Input
TLV320AIC20, TLV320AIC21
TLV320AIC24, TLV320AIC25
TLV320AIC20K, TLV320AIC24K
SLAS363D – MARCH 2002 – REVISED APRIL 2005
Functional Block Diagram - AIC24/25/24K
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com