Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV320AIC21 Datasheet(PDF) 15 Page - Texas Instruments

Part # TLV320AIC21
Description  Low-Power, Highly-Integrated, Programmable 16-Bit, 26-KSPS, Dual-Channel CODEC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC21 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLV320AIC21 Datasheet HTML 11Page - Texas Instruments TLV320AIC21 Datasheet HTML 12Page - Texas Instruments TLV320AIC21 Datasheet HTML 13Page - Texas Instruments TLV320AIC21 Datasheet HTML 14Page - Texas Instruments TLV320AIC21 Datasheet HTML 15Page - Texas Instruments TLV320AIC21 Datasheet HTML 16Page - Texas Instruments TLV320AIC21 Datasheet HTML 17Page - Texas Instruments TLV320AIC21 Datasheet HTML 18Page - Texas Instruments TLV320AIC21 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 56 page
background image
www.ti.com
SDA
SCL
tf
tLOW
tHD;STA
tHD;DAT
tHIGH
tSU;STA
tSU;STO
tBUF
tr
tHD;STA
tf
tSU;DAT
tr
TLV320AIC20, TLV320AIC21
TLV320AIC24, TLV320AIC25
TLV320AIC20K, TLV320AIC24K
SLAS363D – MARCH 2002 – REVISED APRIL 2005
Figure 3. I2C / S2C Timing Diagram
PARAMETER
SYMBOL
MIN
MAX
UNIT
SCL clock frequency
tSCL
0
900
kHz
Hold time (repeated START condition. After this period, the first clock pulse is
tHD;STA
100
generated.
Low period of the SCL clock
tLOW
560
High period of the SCL clock
tHIGH
560
Set-up time for a repeated START condition
tSU;STA
100
Data hold time
tHD;DAT
50
ns
Data set-up time
tSU;DAT
50
Rise time of both SDA and SCL signals
tr
300
Fall time of both SDA and SCL signals
tf
100
Set-up time for STOP condition
tSU;STO
100
Bus free time between a STOP and START condition
tBUF
500
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com