Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV320AIC21 Datasheet(PDF) 42 Page - Texas Instruments

Part # TLV320AIC21
Description  Low-Power, Highly-Integrated, Programmable 16-Bit, 26-KSPS, Dual-Channel CODEC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC21 Datasheet(HTML) 42 Page - Texas Instruments

Back Button TLV320AIC21 Datasheet HTML 38Page - Texas Instruments TLV320AIC21 Datasheet HTML 39Page - Texas Instruments TLV320AIC21 Datasheet HTML 40Page - Texas Instruments TLV320AIC21 Datasheet HTML 41Page - Texas Instruments TLV320AIC21 Datasheet HTML 42Page - Texas Instruments TLV320AIC21 Datasheet HTML 43Page - Texas Instruments TLV320AIC21 Datasheet HTML 44Page - Texas Instruments TLV320AIC21 Datasheet HTML 45Page - Texas Instruments TLV320AIC21 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 56 page
background image
www.ti.com
TLV320AIC20, TLV320AIC21
TLV320AIC24, TLV320AIC25
TLV320AIC20K, TLV320AIC24K
SLAS363D – MARCH 2002 – REVISED APRIL 2005
Table 5. A/D PGA Gain (continued)
D5
D4
D3
D2
D1
D0
ADPGA
0
0
0
1
0
0
ADC input PGA gain = 6 dB
0
0
0
0
1
1
ADC input PGA gain = 4.5 dB
0
0
0
0
1
0
ADC input PGA gain = 3 dB
0
0
0
0
0
1
ADC input PGA gain = 1.5 dB
0
0
0
0
0
0
ADC input PGA gain = 0 dB
Control Register 5B(1)
D7
D6
D5
D4
D3
D2
D1
D0
0
1
DAPGA
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
(1)
NOTE: R = Read, W = Write
D/A PGA Gain
D5
D4
D3
D2
D1
D0
DAPGA
0
1
1
1
1
1
DAC input PGA gain = MUTE
0
1
1
1
1
0
DAC input PGA gain = -54 dB
0
1
1
1
0
1
DAC input PGA gain = -48 dB
0
1
1
1
0
0
DAC input PGA gain = -42 dB
0
1
1
0
1
1
DAC input PGA gain = -40.5 dB
0
1
1
0
1
0
DAC input PGA gain = -39 dB
0
1
1
0
0
1
DAC input PGA gain = -37.5 dB
0
1
1
0
0
0
DAC input PGA gain = -36 dB
0
1
0
1
1
1
DAC input PGA gain = -34.5 dB
0
1
0
1
1
0
DAC input PGA gain = -33 dB
0
1
0
1
0
1
DAC input PGA gain = -31.5 dB
0
1
0
1
0
0
DAC input PGA gain = -30 dB
0
1
0
0
1
1
DAC input PGA gain = -28.5 dB
0
1
0
0
1
0
DAC input PGA gain = -27 dB
0
1
0
0
0
1
DAC input PGA gain = -25.5 dB
0
1
0
0
0
0
DAC input PGA gain = -24 dB
0
0
1
1
1
1
DAC input PGA gain = -22.5 dB
0
0
1
1
1
0
DAC input PGA gain = -21 dB
0
0
1
1
0
1
DAC input PGA gain = -19.5 dB
0
0
1
1
0
0
DAC input PGA gain = -18 dB
0
0
1
0
1
1
DAC input PGA gain = -16.5 dB
0
0
1
0
1
0
DAC input PGA gain = -15 dB
0
0
1
0
0
1
DAC input PGA gain = -13.5 dB
0
0
1
0
0
0
DAC input PGA gain = -12 dB
0
0
0
1
1
1
DAC input PGA gain = -10.5 dB
0
0
0
1
1
0
DAC input PGA gain = -9 dB
0
0
0
1
0
1
DAC input PGA gain = -7.5 dB
0
0
0
1
0
0
DAC input PGA gain = -6 dB
0
0
0
0
1
1
DAC input PGA gain = -4.5 dB
0
0
0
0
1
0
DAC input PGA gain = -3 dB
0
0
0
0
0
1
DAC input PGA gain = -1.5 dB
0
0
0
0
0
0
DAC input PGA gain = 0 dB
42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com