Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV320AIC21 Datasheet(PDF) 39 Page - Texas Instruments

Part # TLV320AIC21
Description  Low-Power, Highly-Integrated, Programmable 16-Bit, 26-KSPS, Dual-Channel CODEC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC21 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TLV320AIC21 Datasheet HTML 35Page - Texas Instruments TLV320AIC21 Datasheet HTML 36Page - Texas Instruments TLV320AIC21 Datasheet HTML 37Page - Texas Instruments TLV320AIC21 Datasheet HTML 38Page - Texas Instruments TLV320AIC21 Datasheet HTML 39Page - Texas Instruments TLV320AIC21 Datasheet HTML 40Page - Texas Instruments TLV320AIC21 Datasheet HTML 41Page - Texas Instruments TLV320AIC21 Datasheet HTML 42Page - Texas Instruments TLV320AIC21 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
www.ti.com
TLV320AIC20, TLV320AIC21
TLV320AIC24, TLV320AIC25
TLV320AIC20K, TLV320AIC24K
SLAS363D – MARCH 2002 – REVISED APRIL 2005
Control Register 2 Bit Summary (continued)
RESET
BIT
NAME
FUNCTION
VALUE
D2
GPO
0
General-purpose output
Host port control bits. Write the following values into D1-D0 to select the appropriate configuration for two
pins SDA and SCL. The SDA and SCL pins are used for I2C interface if D1-D0 = 00. The SDA and SCL pins
D1-D0
HPC
00
are used for S2C interface if D1-D0 = 01. If D1-D0 = 10, the SDA pin = D2, input going into the SCL pin is
output to DOUT (11), the SDA pin = control frame flag.
Control Register 3A(1)
D7
D6
D5
D4
D3
D2
D1
D0
00
PWDN
SWRS
ASRF
R/W
R/W
R/W/S
R/W
(1)
NOTE: R = Read, W = Write
Control Register 3A Bit Summary
RESET
BIT
NAME
FUNCTION
VALUE
Power down PWDN = 00
No power down PWDN = 01
D5-D4
PWDN
00
Power-down A/DPWDN = 10
Power-down D/APWDN = 11
Software power down the entire device
D3
SWRS
0
Software reset. Set this bit to 1 to reset the device.
Asynchronous sampling rate factor. These three bits define the ratio n between FS frequency and the
desired sampling frequency fs (Applied only if different sampling rate between CODEC1 and CODEC2 is
desired)
ASRF = 001, n = FS/fs = 1
ASRF = 010, n = FS/fs = 2
D2-D0
ASRF
001
ASRF = 011, n = FS/fs = 3
ASRF = 100, n = FS/fs = 4
ASRF = 101, n = FS/fs = 5
ASRF = 110, n = FS/fs = 6
ASRF = 111, n = FS/fs = 7
ASRF = 000, n = FS/fs = 8
Control Register 3B(1)
D7
D6
D5
D4
D3
D2
D1
D0
01
8KBF
Reserved
MHNS
MHDS
MLDO
MSPK
R/W
R/W
R/W/S
(1)
NOTE: R = Read, W = Write
Control Register 3B Bit Summary
RESET
BIT
NAME
FUNCTION
VALUE
8 kHz band pass filter. Set this bit to 1 to enable the band-bass filter [300 Hz -3.3 kHz] with the sampling
D5
8KBF
0
rate at 8 kHz.
D4
Reserved
0
Mute handset. This bit controls the MUTE function of handset output driver.
D3
MHNS
0
MHNS = 0 Handset output driver is not MUTE.
MHNS = 1 Handset output driver is MUTE.
Mute headset. This bit controls the MUTE function of headset output driver.
D2
MHDS
0
MHDS = 0 Headset output driver is not MUTE.
MHDS = 1 Headset output driver is MUTE.
Mute line output. This bit controls the MUTE function of the 600-
Ω output driver.
D1
MLNO
0
MLNO = 0 The 600-
Ω output driver is not MUTE.
MLNO = 1 The 600-
Ω output driver is MUTE.
Mute 8-
Ω speaker. This bit controls the MUTE function of the 8-Ω speaker driver.
D0
MSPK
0
MSPK = 0 The 8-
Ω speaker driver is not MUTE.
MSPK = 1 The 8-
Ω speaker driver is MUTE.
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com