Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV320AIC21 Datasheet(PDF) 40 Page - Texas Instruments

Part # TLV320AIC21
Description  Low-Power, Highly-Integrated, Programmable 16-Bit, 26-KSPS, Dual-Channel CODEC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC21 Datasheet(HTML) 40 Page - Texas Instruments

Back Button TLV320AIC21 Datasheet HTML 36Page - Texas Instruments TLV320AIC21 Datasheet HTML 37Page - Texas Instruments TLV320AIC21 Datasheet HTML 38Page - Texas Instruments TLV320AIC21 Datasheet HTML 39Page - Texas Instruments TLV320AIC21 Datasheet HTML 40Page - Texas Instruments TLV320AIC21 Datasheet HTML 41Page - Texas Instruments TLV320AIC21 Datasheet HTML 42Page - Texas Instruments TLV320AIC21 Datasheet HTML 43Page - Texas Instruments TLV320AIC21 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
www.ti.com
TLV320AIC20, TLV320AIC21
TLV320AIC24, TLV320AIC25
TLV320AIC20K, TLV320AIC24K
SLAS363D – MARCH 2002 – REVISED APRIL 2005
Control Register 3C(1)
D7
D6
D5
D4
D3
D2
D1
D0
10
Reserved
ICID
OSR
R/W
R/W/S
R/W
(1)
NOTE: R = Read, W = Write, S = Shadowed
Control Register 3C Bit Summary
RESET
BIT
NAME
FUNCTION
VALUE
D5
Reserved
0
Chip ID. These two bits represent the device version number.
ICID = 000 Version 1
ICID = 001 Version 2
ICID = 010 Version 3
D4-D2
ICID
000
ICID = 011 Version 4
ICID = 100 Version 5
ICID = 101 Version 6
ICID = 110 Version 7
ICID = 111 Version 8
OSR option D1-D0 = X1 OSR for DAC Channel is 512 (Max FS = 8 Ksps)
D1-D0
OSR option
00
D1-D0 = 10 OSR for DAC Channel is 256 (Max FS = 16 Ksps)
D1-D0 = 00 OSR for DAC Channel is 128 (Max FS = 26 Ksps)
Control Register 3D(1)
D7
D6
D5
D4
D3
D2
D1
D0
11
LCDAC
R/W
R/W/S
(1)
NOTE: R = Read, W = Write, S = Shadowed
Control Register 3D Bit Summary
RESET
BIT
NAME
FUNCTION
VALUE
D5-D0
LCDAC(1)
000000
LCD DAC. These bits represent the input value for the 6-bit LCD DAC.
(1)
NOTE: See the Electrical Characteristics table for LCD DAC specification.
Control Register 4(1)
D7
D6
D5
D4
D3
D2
D1
D0
FSDIV
MNP
R/W
R/W/S
R/W/S
R/W/S
R/W/S
R/W/S
R/W/S
R/W/S
(1)
NOTE: R = Read, W = Write, S = Shadowed
Control Register 4 Bit Summary
RESET
BIT
NAME
FUNCTION
VALUE
Frame sync division factor FSDIV = 0
D7
FSDIV
0
To write value of P to bits D2-D0 and value of N to bits D6-D3 FSDIV = 1
To write value of M to bits D6-D0
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com