Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV320AIC21 Datasheet(PDF) 21 Page - Texas Instruments

Part # TLV320AIC21
Description  Low-Power, Highly-Integrated, Programmable 16-Bit, 26-KSPS, Dual-Channel CODEC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC21 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLV320AIC21 Datasheet HTML 17Page - Texas Instruments TLV320AIC21 Datasheet HTML 18Page - Texas Instruments TLV320AIC21 Datasheet HTML 19Page - Texas Instruments TLV320AIC21 Datasheet HTML 20Page - Texas Instruments TLV320AIC21 Datasheet HTML 21Page - Texas Instruments TLV320AIC21 Datasheet HTML 22Page - Texas Instruments TLV320AIC21 Datasheet HTML 23Page - Texas Instruments TLV320AIC21 Datasheet HTML 24Page - Texas Instruments TLV320AIC21 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
www.ti.com
Functional Description
Operating Frequencies
MCLK
1/P
1/(MN)
128FS
(devnum x mode)/(MNP)
SCLK
1/(16 x mode x devnum)
FS
en_dll
Digital
X 8
(DLL)
SCLK may not be a uniform clock depending upon value of devnum, mode, and MNP.
.
M = 1 - 128
N = 1 - 16
P = 1 - 8
When:
P1 = 8, DLL(PLL) is Enabled
devnum = Number of Channels in Cascade.
Note That for a Standalone Device, devnum = 2.
Mode = 1 (For Continious Data Transfer Mode)
Mode = 2 (For Programming Mode)
TLV320AIC20, TLV320AIC21
TLV320AIC24, TLV320AIC25
TLV320AIC20K, TLV320AIC24K
SLAS363D – MARCH 2002 – REVISED APRIL 2005
The sampling frequency is the frequency of the frame sync (FS) signal where falling edge starts digital-data
transfer for both ADC and DAC. The sampling frequency is derived from the master clock (MCLK) input by the
following equations:
•
Coarse sampling frequency (default):
– The coarse sampling is selected by programming P = 8 in the control register 4, which is the default
configuration of AIC2x on power-up or reset.
– FS = Sampling (conversion) frequency = MCLK / (16 x M x N x 8)
•
Fine sampling frequency (see Note 5):
– FS = Sampling (conversion) frequency = MCLK/ (16 x M x N x P)
NOTE:
1. Use control register 4 to set the following values of M, N, and P
2. M = 1, 2, . . . , 128
3. N = 1, 2, . . . , 16
4. P = 1, 2, . . . , 8
5. The fine sampling rate needs an on-chip phase lock loop (frequency multiplier) to
generate internal clocks. The output of the PLL is only used to generate internal
clocks that are needed by the data converters. Other clocks such as the serial
interface clocks in master mode are not generated from the PLL output. The clock
generation scheme is as shown in Figure 18. The PLL requires the relationship
between MCLK and P to meet the following condition: 10 MHz
≤ (MCLK/P) ≤ 25
MHz.
Figure 18. Clock Timing
6. Selecting the Fine sampling mode turns on the analog PLL, which starts
generating after a finite time delay. The internal clocks are required to be present
in order to enable the DAC output drivers. Therefore, turning on any output drivers
immediately after turning on the PLL causes the output of the DAC to go to the
common-mode voltage. While using the PLL, the output drivers must first be
enabled before the PLL is enabled in order to ensure correct operation of the part.
This implies that register 6B for channel 1 and channel 2 in the codec must be
programmed before register 4.
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com