Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV320AIC21 Datasheet(PDF) 47 Page - Texas Instruments

Part # TLV320AIC21
Description  Low-Power, Highly-Integrated, Programmable 16-Bit, 26-KSPS, Dual-Channel CODEC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC21 Datasheet(HTML) 47 Page - Texas Instruments

Back Button TLV320AIC21 Datasheet HTML 43Page - Texas Instruments TLV320AIC21 Datasheet HTML 44Page - Texas Instruments TLV320AIC21 Datasheet HTML 45Page - Texas Instruments TLV320AIC21 Datasheet HTML 46Page - Texas Instruments TLV320AIC21 Datasheet HTML 47Page - Texas Instruments TLV320AIC21 Datasheet HTML 48Page - Texas Instruments TLV320AIC21 Datasheet HTML 49Page - Texas Instruments TLV320AIC21 Datasheet HTML 50Page - Texas Instruments TLV320AIC21 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 56 page
background image
www.ti.com
CallerID Interface
0-dB Gain, Typ.
CIDI+
CIDI-
Rx
365 k
Ω
Rx
365 k
Ω
Cx
470 pF
Cx
470 pF
To Telephone
To RJ11
To Analog
Crosspoint
TLV320AIC20
VCOM
VCOM
TLV320AIC20, TLV320AIC21
TLV320AIC24, TLV320AIC25
TLV320AIC20K, TLV320AIC24K
SLAS363D – MARCH 2002 – REVISED APRIL 2005
Layout and Grounding Guidelines for TLV320AIC2x (continued)
The callerID amplifier interface to the telephone line is shown in
(A).
The value for Rx is 365 k
Ω (E96 series, which has 1% tolerance). Cx is 470 pF (10% tolerance) of high-voltage
rating. Voltage rating is decided based on the telecommunication standards of the country. The typical value is 1
kV. The callerID input can be used as a lower-performance line input. For this application, a larger value
capacitor is required for Cx.
A.
Typical Application Circuit for CallerID Amplifiers
Figure 37. Recommended Power-Supply Decoupling
The recommended power-supply decoupling for the TLV320AIC2x is shown in Figure 38. Both high frequency
and bulk decoupling capacitors are suggested. The high-frequency capacitors should be X7R type capacitors or
better. A 1-µF ceramic capacitor should be used to decouple the digital power supply.
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com