Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV320AIC21 Datasheet(PDF) 33 Page - Texas Instruments

Part # TLV320AIC21
Description  Low-Power, Highly-Integrated, Programmable 16-Bit, 26-KSPS, Dual-Channel CODEC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC21 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TLV320AIC21 Datasheet HTML 29Page - Texas Instruments TLV320AIC21 Datasheet HTML 30Page - Texas Instruments TLV320AIC21 Datasheet HTML 31Page - Texas Instruments TLV320AIC21 Datasheet HTML 32Page - Texas Instruments TLV320AIC21 Datasheet HTML 33Page - Texas Instruments TLV320AIC21 Datasheet HTML 34Page - Texas Instruments TLV320AIC21 Datasheet HTML 35Page - Texas Instruments TLV320AIC21 Datasheet HTML 36Page - Texas Instruments TLV320AIC21 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
www.ti.com
Control Register Programming
Data Frame Format
D0
D15 - D1
A/D and D/A Data
D15 - D0
D15 - D0
A/D and D/A Data
D15 - D0
DIN
(15+1) Bit Mode
(Continuous Data Transfer Mode Only)
DOUT
(16 Bit A/D Data)
DIN
16 Bit Mode
DOUT
16 Bit Mode
Control Frame
Request
Control Frame Format (Programming Mode)
Broadcast Register Write
TLV320AIC20, TLV320AIC21
TLV320AIC24, TLV320AIC25
TLV320AIC20K, TLV320AIC24K
SLAS363D – MARCH 2002 – REVISED APRIL 2005
Each channel in the TLV320AIC2x contains six control registers that are used to program available modes of
operation. All register programming occurs during the control frame through DIN. New configuration takes effect
after a delay of one frame sync. The TLV320AIC2x is defaulted to the programming mode upon power up. Set bit
6 in control register 1 to switch to continuous data transfer mode. If the 15+1 data format of DIN has been
selected, the LSB of the DIN to 1 to switch from continuous data transfer mode to programming set mode.
Otherwise, either the device needs to be reset or the host port writes 0 to bit D6 of each codec's control register
1 during the continuous data transfer mode to switch back to the programming mode. The control registers are
replicated for each channel in the AIC2x, and these need to be programmed separately for the individual
channels. Register bits that control resources that are common to both channels are shadowed (i.e., writing to
the appropriate register bit of one channel is automatically reflected in the register bits for the other channel).
See the control register tables for a more detailed description of the exact register bits that are shadowed.
Figure 28. Data Frame Format
During the control frame, the DSP sends 16-bit words to each codec's time slot SMARTDM(TM) through DIN to
read or write control registers in each codec shown in Table 4. The upper byte (Bits D15-D8) of the 16-bit
control-frame word defines the read/write command. Bits D15-D13 define the control register address with
register content occupied the lower byte D7-D0. Bit D12 is set to 0 for a write or to 1 for a read. Bit D11 in the
write command is used to perform the broadcast mode. During a register write, the register content is located in
the lower byte of DIN. During a register read, the register content is output in the lower byte of DOUT in the
same control frame, whereas the lower byte of DIN is ignored.
Broadcast operation is very useful for a cascading system of SMARTDM codecs in which all register
programming can be completed in one control frame. During the control frame and in any register-write time slot,
if the broadcast bit (D11) is set to 1, the register content of that time slot is written into the specified register of all
devices in cascade (see Figure 29). This reduces the DSP's overhead of doing multiple writes to program the
same data into cascaded devices.
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com