Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV320AIC21 Datasheet(PDF) 4 Page - Texas Instruments

Part # TLV320AIC21
Description  Low-Power, Highly-Integrated, Programmable 16-Bit, 26-KSPS, Dual-Channel CODEC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC21 Datasheet(HTML) 4 Page - Texas Instruments

  TLV320AIC21 Datasheet HTML 1Page - Texas Instruments TLV320AIC21 Datasheet HTML 2Page - Texas Instruments TLV320AIC21 Datasheet HTML 3Page - Texas Instruments TLV320AIC21 Datasheet HTML 4Page - Texas Instruments TLV320AIC21 Datasheet HTML 5Page - Texas Instruments TLV320AIC21 Datasheet HTML 6Page - Texas Instruments TLV320AIC21 Datasheet HTML 7Page - Texas Instruments TLV320AIC21 Datasheet HTML 8Page - Texas Instruments TLV320AIC21 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
www.ti.com
TLV320AIC20, TLV320AIC21
TLV320AIC24, TLV320AIC25
TLV320AIC20K, TLV320AIC24K
SLAS363D – MARCH 2002 – REVISED APRIL 2005
Terminal Functions (continued)
TERMINAL
NAME
NO.
I/O
DESCRIPTION
M/S
21
I
Master slave select applied to CODEC1 only. CODEC2 is always a slave.
MCLK
22
I
Master clock
RESET
23
I
Reset
VSS
24
I
Device ground. Typically this should be connected to the Analog Ground.
DRVSS1
25
I
Driver ground
SPKO+
26
O
8-
Ω output
SPKO-
28
DRVDD
27
I
Driver supply
DRVSS2
29
I
Driver ground
CIDI-
30
I
Caller-ID input. The Caller-ID input can be treated similar to the Line-input pins
CIDI+
31
AVDD1
33
I
Analog supply
AVSS1
32
I
Analog ground
MICI-
34
I
Microphone input
MICI+
35
I
Microphone input
MICBIAS
36
I
Microphone bias
LCDAC
37
O
6-Bit DAC output may be used to drive LCDAC
HNSO-
38
O
150-
Ω output
HNSO+
39
HNSI-
40
I
Hand-set input. The Hand-set input can be treated similar to the Line-input pins
HNSI+
41
AVDD
42
I
Analog supply
AVSS
43
I
Analog ground
LINEI+
44
I
Line input
LINEI-
45
LINEO-
46
O
600-
Ω output
LINEO+
47
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com