Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV320AIC21 Datasheet(PDF) 46 Page - Texas Instruments

Part # TLV320AIC21
Description  Low-Power, Highly-Integrated, Programmable 16-Bit, 26-KSPS, Dual-Channel CODEC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC21 Datasheet(HTML) 46 Page - Texas Instruments

Back Button TLV320AIC21 Datasheet HTML 42Page - Texas Instruments TLV320AIC21 Datasheet HTML 43Page - Texas Instruments TLV320AIC21 Datasheet HTML 44Page - Texas Instruments TLV320AIC21 Datasheet HTML 45Page - Texas Instruments TLV320AIC21 Datasheet HTML 46Page - Texas Instruments TLV320AIC21 Datasheet HTML 47Page - Texas Instruments TLV320AIC21 Datasheet HTML 48Page - Texas Instruments TLV320AIC21 Datasheet HTML 49Page - Texas Instruments TLV320AIC21 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 56 page
background image
www.ti.com
600 W
LINEI+
LINEI-
LINEO+
LINEO-
136 kW
136 kW
300 W
300 W
68 kW
Line
68 kW
10 kW
10 kW
Microphone, Handset, and Headset External Connections
MIC Preamp
10 k
Ω
10 k
Ω
MICI+
HEADSET/HANDSET Preamp
10 k
Ω
10 k
Ω
MICI-
MICBIAS
0.1
µF
0.1
µF
(1.35 V)
2 mA max, 2.35 V
HDSI+
HDSI-
0.1
µF
0.1
µF
MIC
AVSS
10 k
Ω
MIC
AVSS
TLV320AIC20
(1.35 V)
HNSI-
HNSI+
10 k
Ω
TLV320AIC20, TLV320AIC21
TLV320AIC24, TLV320AIC25
TLV320AIC20K, TLV320AIC24K
SLAS363D – MARCH 2002 – REVISED APRIL 2005
Layout and Grounding Guidelines for TLV320AIC2x (continued)
Figure 35. Hybrid Circuit External Connections
The microphone, headset, and handset external connections are shown in Figure 36. The suggested discrete
components with their values also are included.
Figure 36. MIC/Handset/Headset External Connections
46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com