Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 157 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 157 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 153Page - Texas Instruments TMS320VC5502 Datasheet HTML 154Page - Texas Instruments TMS320VC5502 Datasheet HTML 155Page - Texas Instruments TMS320VC5502 Datasheet HTML 156Page - Texas Instruments TMS320VC5502 Datasheet HTML 157Page - Texas Instruments TMS320VC5502 Datasheet HTML 158Page - Texas Instruments TMS320VC5502 Datasheet HTML 159Page - Texas Instruments TMS320VC5502 Datasheet HTML 160Page - Texas Instruments TMS320VC5502 Datasheet HTML 161Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 189 page
background image
www.ti.com
5.14.3
TIM0/TIM1/WDTOUT Interrupt Timings
CLKOUT
TIM0
T15
T16
T17
TIM1
T18
T19
T20
WDTOUT
T21
T22
T23
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
Table 5-30 assumes testing over recommended operating conditions (see Figure 5-31).
Table 5-30. TIM0/TIM1/WDTOUT Interrupt Timing Requirements
(1) (2)
VC5502-200
VC5502-300
NO.
UNIT
MIN
MAX
T15
tsu(TIM0L-COH)
Setup time, TIM0 low(3) before CLKOUT rising edge
5
ns
T16
th(COH-TIM0L)
Hold time, TIM0 low(3) after CLKOUT rising edge
0
ns
T17
tw(TIM0L)
Pulse width, TIM0 low(3)
P
ns
T18
tsu(TIM1L-COH)
Setup time, TIM1 low(3) before CLKOUT rising edge
5
ns
T19
th(COH-TIM1L)
Hold time, TIM1 low(3) after CLKOUT rising edge
0
ns
T20
tw(TIM1L)
Pulse width, TIM1 low(3)
P
ns
T21
tsu(WDTL-COH)
Setup time, WDTOUT low(3) before CLKOUT rising edge
5
ns
T22
th(COH-WDTL)
Hold time, WDTOUT low(3) after CLKOUT rising edge
0
ns
T23
tw(WDTL)
Pulse width, WDTOUT low(3)
P
ns
(1)
In this case, CLKOUT reflects SYSCLK1. The CLKOUT Selection Register (CLKOUTSR) can be programmed to select SYSCLK1 as
CLKOUT.
(2)
P = (Divider1 Ratio)/(CPU Clock Frequency) in ns. For example, when running parts at 300 MHz with the fast peripheral domain at 1/2
the CPU clock frequency, use P = 2/300 MHz = 6.66 ns.
(3)
An interrupt can be triggered by setting the timer pins high or low, depending on the setting of the TIN1INV bit in the GPIO Interrupt
Control Register (GPINT). Refer to the TMS320VC5501/5502 DSP Timers Reference Guide (literature number SPRU618) for more
information on the interrupt capability of the timer pins.
Figure 5-31. TIM0/TIM1/WDTOUT Interrupt Timings
Specifications
157



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com