Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 159 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 159 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 155Page - Texas Instruments TMS320VC5502 Datasheet HTML 156Page - Texas Instruments TMS320VC5502 Datasheet HTML 157Page - Texas Instruments TMS320VC5502 Datasheet HTML 158Page - Texas Instruments TMS320VC5502 Datasheet HTML 159Page - Texas Instruments TMS320VC5502 Datasheet HTML 160Page - Texas Instruments TMS320VC5502 Datasheet HTML 161Page - Texas Instruments TMS320VC5502 Datasheet HTML 162Page - Texas Instruments TMS320VC5502 Datasheet HTML 163Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 189 page
background image
www.ti.com
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
Table 5-32. McBSP Transmit and Receive Switching Characteristics
(1) (2)
VC5502-200
VC5502-300
NO.
PARAMETER
UNIT
MIN
MAX
M1
tc(CKRX)
Cycle time, CLKR/X
CLKR/X int
2P
ns
M2
tw(CKRXH)
Pulse duration, CLKR/X high
CLKR/X int
D – 1(3)
D + 1(3)
ns
M3
tw(CKRXL)
Pulse duration, CLKR/X low
CLKR/X int
C – 1(3)
C + 1(3)
ns
CLKR int
–2
6
M4
td(CKRH-FRV)
Delay time, CLKR high to internal FSR valid
ns
CLKR ext
4
16
CLKX int
–2
6
M5
td(CKXH-FXV)
Delay time, CLKX high to internal FSX valid
ns
CLKX ext
4
16
CLKX int
–5
5
Disable time, CLKX high to DX high impedance
M6
tdis(CKXH-DXHZ)
ns
following last data bit
CLKX ext
1
11
CLKX int
6
Delay time, CLKX high to DX valid.
This applies to all bits except the first bit transmitted.
CLKX ext
16
CLKX int
6
Delay time, CLKX high to DX valid(4)
M7
td(CKXH-DXV)
DXENA = 0
ns
CLKX ext
16
Only applies to first bit transmitted when
in Data Delay 1 or 2 (XDATDLY=01b or
CLKX int
2P + 2
DXENA = 1
10b) modes
CLKX ext
2P + 8
CLKX int
0
Enable time, CLKX high to DX driven(4)
DXENA = 0
CLKX ext
6
Only applies to first bit transmitted when
M8
ten(CKXH-DX)
ns
in Data Delay 1 or 2 (XDATDLY=01b or
CLKX int
2P
DXENA = 1
10b) modes
CLKX ext
2P + 6
FSX int
2
DXENA = 0
Delay time, FSX high to DX valid(4)
FSX ext
7
M9
td(FXH-DXV)
Only applies to first bit transmitted when
ns
FSX int
2P + 2
in Data Delay 0 (XDATDLY=00b) mode.
DXENA = 1
FSX ext
2P + 7
FSX int
0
DXENA = 0
Enable time, FSX high to DX driven(4)
FSX ext
6
M10
ten(FXH-DX)
Only applies to first bit transmitted when
ns
FSX int
2P
in Data Delay 0 (XDATDLY=00b) mode
DXENA = 1
FSX ext
P + 6
(1)
Polarity bits CLKRP = CLKXP = FSRP = FSXP = 0. If the polarity of any of the signals is inverted, then the timing references of that
signal are also inverted.
(2)
P = (Divider2 Ratio)/(CPU Clock Frequency) in ns. For example, when running parts at 300 MHz with the slow peripheral domain at 1/2
the CPU clock frequency, use P = 2/300 MHz = 6.66 ns.
(3)
T = CLKRX period = (1 + CLKGDV) * P
C = CLKRX low pulse width = T/2 when CLKGDV is odd or zero and = (CLKGDV/2) * P when CLKGDV is even
D = CLKRX high pulse width = T/2 when CLKGDV is odd or zero and = (CLKGDV/2 + 1) * P when CLKGDV is even
(4)
See the TMS320VC5501/5502/5503/5507/5509/5510 DSP Multichannel Buffered Serial Port (McBSP) Reference Guide (literature
number SPRU592) for a description of the DX enable (DXENA) and data delay features of the McBSP.
159
Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com