Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1114 Datasheet(PDF) 22 Page - Microchip Technology

Part # CAP1114
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1114 Datasheet(HTML) 22 Page - Microchip Technology

Back Button CAP1114 Datasheet HTML 18Page - Microchip Technology CAP1114 Datasheet HTML 19Page - Microchip Technology CAP1114 Datasheet HTML 20Page - Microchip Technology CAP1114 Datasheet HTML 21Page - Microchip Technology CAP1114 Datasheet HTML 22Page - Microchip Technology CAP1114 Datasheet HTML 23Page - Microchip Technology CAP1114 Datasheet HTML 24Page - Microchip Technology CAP1114 Datasheet HTML 25Page - Microchip Technology CAP1114 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 102 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
Revision 1.1 (02-04-11)
22
SMSC CAP1114
DATASHEET
Chapter 5 Product Description
The CAP1114 is a multiple channel Capacitive Touch sensor and LED Driver.
The CAP1114 contains up to 14 individual Capacitive Touch sensor inputs with programmable
sensitivity for use in touch button and slider switch applications. Each sensor also contains automatic
recalibration.
The CAP1114 also contains eleven (11) open drain LED drivers that offer full-on / off, variable rate
breathing, and dimness controls. Eight (8) of these LEDs can double as GPIOs and support open-drain
or push-pull operation. Capacitive buttons can be linked to LED outputs. Additionally, LEDs 1-7 may
be optionally linked to Buttons 1-7 so that when a touch is detected, the LED is actuated.
The device communicates with a host controller using SMBus. The host controller may poll the device
for updated information at any time or it may configure the device to flag an interrupt whenever a press
is detected on any sensor.
Each sensor is polled by the device approximately every 35 ms. The host may also initiate a
recalibration routine for one or more sensors or set up times and conditions so that the device
automatically invokes the re-calibration routine.
The CAP1114 contains multiple power states including several low power operating states. In addition,
it contains a user driven RESET pin to force the device to reset.
A typical system diagram is shown in Figure 5.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com