Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1114 Datasheet(PDF) 75 Page - Microchip Technology

Part # CAP1114
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1114 Datasheet(HTML) 75 Page - Microchip Technology

Back Button CAP1114 Datasheet HTML 71Page - Microchip Technology CAP1114 Datasheet HTML 72Page - Microchip Technology CAP1114 Datasheet HTML 73Page - Microchip Technology CAP1114 Datasheet HTML 74Page - Microchip Technology CAP1114 Datasheet HTML 75Page - Microchip Technology CAP1114 Datasheet HTML 76Page - Microchip Technology CAP1114 Datasheet HTML 77Page - Microchip Technology CAP1114 Datasheet HTML 78Page - Microchip Technology CAP1114 Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 102 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
SMSC CAP1114
75
Revision 1.1 (02-04-11)
DATASHEET
The Sensor Base Count Registers store the calibrated “Not Touched” input value from the Capacitive
Touch Sensor inputs. These registers are periodically updated by the re-calibration routine.
The routine uses an internal adder to add the current count value for each reading to the sum of the
previous readings until sample size has been reached. At this point, the upper 16 bits are taken and
used as the Sensor Base Count. The internal adder is then reset and the re-calibration routine
continues.
The data presented is determined by the BASE_SHIFT bits (see Section 6.13).
6.39
LED Status Registers
The LED Status Registers indicate which LED output has completed its actuated activity. The bits are
cleared when the INT bit has been cleared. Likewise, these bits are cleared when the DSLEEP bit is
set.
6.39.1
LED Status 1
Bit 7 - LED8_DN - Indicates that LED8 has finished its ramping behavior as determined by the
LED8_CTL bits.
Bit 6 - LED7_DN - Indicates that LED7 has finished its ramping behavior as determined by the
LED7_CTL bits.
56h
R
Sensor 7 Base
Count
128
64
32
16
8
4
2
1
00h
57h
R
Sensor 8 Base
Count
128
64
32
16
8
4
2
1
00h
58h
R
Sensor 9 Base
Count
128
64
32
16
8
4
2
1
00h
59h
R
Sensor 10
Base Count
128
64
32
16
8
4
2
1
00h
5Ah
R
Sensor 11
Base Count
128
64
32
16
8
4
2
1
00h
5Bh
R
Sensor 12
Base Count
128
64
32
16
8
4
2
1
00h
5Ch
R
Sensor 13
Base Count
128
64
32
16
8
4
2
1
00h
5Dh
R
Sensor 14
Base Count
128
64
32
16
8
4
2
1
00h
Table 6.58 LED Status Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
60h
R
LED Status 1
LED8_
DN
LED7_
DN
LED6_
DN
LED5_
DN
LED4_
DN
LED3_
DN
LED2_
DN
LED1_
DN
00h
61h
R
LED Status 2
-
-
-
-
-
LED11_
DN
LED10_
DN
LED9_
DN
00h
Table 6.57 Sensor Base Count Registers (continued)
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com