Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1114 Datasheet(PDF) 56 Page - Microchip Technology

Part # CAP1114
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1114 Datasheet(HTML) 56 Page - Microchip Technology

Back Button CAP1114 Datasheet HTML 52Page - Microchip Technology CAP1114 Datasheet HTML 53Page - Microchip Technology CAP1114 Datasheet HTML 54Page - Microchip Technology CAP1114 Datasheet HTML 55Page - Microchip Technology CAP1114 Datasheet HTML 56Page - Microchip Technology CAP1114 Datasheet HTML 57Page - Microchip Technology CAP1114 Datasheet HTML 58Page - Microchip Technology CAP1114 Datasheet HTML 59Page - Microchip Technology CAP1114 Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 102 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
Revision 1.1 (02-04-11)
56
SMSC CAP1114
DATASHEET
Bits 7 - 4 - MAX_DUR_G [3:0] - (default 1101b) - Determines the maximum time that a button is
allowed to be pressed until the Capacitive Touch sensor is recalibrated as shown in Table 6.22.
Bits 3 - 0 - RPT_RATE_SL[3:0] - (default 0100b) Determines the time duration between interrupt
assertions when auto repeat is enabled. This setting applies when a slide is detected on the Grouped
Sensors and acts as the base repeat rate that is adjusted based on the slide speed (see Section 5.5.5).
The resolution is 35ms the range is from 35ms to 560ms as shown in Table 6.23.
6.19
Calibration Enable Register
The Calibration Enable Register controls whether the indicated Capacitive Touch Sensor input is
automatically re-calibrated. If a sensor is not enabled, the corresponding calibration enable bit is
ignored.
Bit 7- G_CEN - Enables all sensors in the group to be re-calibrated simultaneously.
‘0’ - None of the grouped channels are automatically re-calibrated. They can be re-calibrated
manually by setting the G_CAL bit.
‘1’ (default) - All of the grouped channels are automatically re-calibrated as the CAP1114 samples.
Bit 6 - S7_CEN - Enables the CS7 input to be re-calibrated automatically.
‘0’ - The CS7 input is not automatically re-calibrated.
‘1’ (default) - The CS7 input is automatically re-calibrated as the CAP1114 samples.
Bit 5 - S6_CEN - Enables the CS6 input to be re-calibrated automatically.
Bit 4 - S5_CEN - Enables the CS5 input to be re-calibrated automatically.
Bit 3 - S4_CEN - Enables the CS4 input to be re-calibrated automatically.
Bit 2 - S3_CEN - Enables the CS3 input to be re-calibrated automatically.
Bit 1 - S2_CEN - Enables the CS2 input to be re-calibrated automatically.
Bit 0 - S1_CEN - Enables the CS1 input to be re-calibrated automatically.
6.20
Calibration Activate Registers
Table 6.27 Calibration Enable Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
25h
R/W
Calibration
Enable
G_
CEN
S7_
CEN
S6_
CEN
S5_
CEN
S4_
CEN
S3_
CEN
S2_
CEN
S1_
CEN
FFh
Table 6.28 Calibration Activate Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
26h
R/W
Calibration
Activate
G_
CAL
S7_
CAL
S6_
CAL
S5_
CAL
S4_
CAL
S3_
CAL
S2_
CAL
S1_
CAL
00h
46h
R/W
Grouped
Sensor
Calibration
Activate
S14_
CAL
S13_
CAL
S12_
CAL
S11_
CAL
S10_
CAL
S9_
CAL
S8_
CAL
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com