Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1114 Datasheet(PDF) 80 Page - Microchip Technology

Part # CAP1114
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1114 Datasheet(HTML) 80 Page - Microchip Technology

Back Button CAP1114 Datasheet HTML 76Page - Microchip Technology CAP1114 Datasheet HTML 77Page - Microchip Technology CAP1114 Datasheet HTML 78Page - Microchip Technology CAP1114 Datasheet HTML 79Page - Microchip Technology CAP1114 Datasheet HTML 80Page - Microchip Technology CAP1114 Datasheet HTML 81Page - Microchip Technology CAP1114 Datasheet HTML 82Page - Microchip Technology CAP1114 Datasheet HTML 83Page - Microchip Technology CAP1114 Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 102 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
Revision 1.1 (02-04-11)
80
SMSC CAP1114
DATASHEET
6.44.1
LED Polarity 1
Bit 7 - LED8_POL - Determines the polarity of the LED8 output.
‘0’ - The LED8 output is inverted. For example, a setting of ‘1’ in the LED 8 Output register will
cause the LED pin output to be driven to a logic ‘0’.
‘1’ - The LED8 output is non-inverted. For example, a setting of ‘1’ in the LED 8 Output register
will cause the LED pin output to be driven to a logic ‘1’ or left in the high-Z state as determined by
its output type.
Bit 6 - LED7_POL - Determines the polarity of the LED7 output.
Bit 5 - LED6_POL - Determines the polarity of the LED6 output.
Bit 4 - LED5_POL - Determines the polarity of the LED5 output.
Bit 3 - LED4_POL - Determines the polarity of the LED4 output.
Bit 2 - LED3_POL - Determines the polarity of the LED3 output.
Bit 1 - LED2_POL - Determines the polarity of the LED2 output.
Bit 0 - LED1_POL - Determines the polarity of the LED1 output.
6.44.2
LED Polarity 2
Bit 2 - LED11_POL - Determines the polarity of the LED11 output.
Bit 1 - LED10_POL - Determines the polarity of the LED10 output.
Bit 0 - LED9_POL - Determines the polarity of the LED9 output.
Table 6.64 LED Polarity Behavior
LED
OUTPUT
CONTROL
REGISTER
POLARITY
MAX DUTY
MIN DUTY
BRIGHTNESS
LED
APPEARANCE
0
inverted
(‘0’)
not used
minimum %
of time that
the LED is on
(logic 0)
maximum brightness at min
duty cycle
on at min duty
cycle
1
inverted
(‘0’)
maximum %
of time that
the LED is on
(logic 0)
minimum %
of time that
the LED is on
(logic 0)
maximum brightness at max
duty cycle. Brightness ramps
from min duty cycle to max duty
cycle.
according to
LED behavior
0
non-
inverted
(‘1’)
not used
minimum %
of time that
the LED is off
(logic 1)
maximum brightness at 100
minus min duty cycle
on at 100 - min
duty cycle
1
non-
inverted
(‘1’)
maximum %
of time that
the LED is off
(logic 1)
minimum %
of time that
the LED is off
(logic 1)
For Direct behavior, maximum
brightness is 100 minus max
duty cycle. When breathing,
max brightness is 100 minus
min duty cycle. Brightness
ramps from 100 - min duty
cycle to 100 - max duty cycle.
according to
LED behavior



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com