Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1114 Datasheet(PDF) 79 Page - Microchip Technology

Part # CAP1114
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1114 Datasheet(HTML) 79 Page - Microchip Technology

Back Button CAP1114 Datasheet HTML 75Page - Microchip Technology CAP1114 Datasheet HTML 76Page - Microchip Technology CAP1114 Datasheet HTML 77Page - Microchip Technology CAP1114 Datasheet HTML 78Page - Microchip Technology CAP1114 Datasheet HTML 79Page - Microchip Technology CAP1114 Datasheet HTML 80Page - Microchip Technology CAP1114 Datasheet HTML 81Page - Microchip Technology CAP1114 Datasheet HTML 82Page - Microchip Technology CAP1114 Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 102 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
SMSC CAP1114
79
Revision 1.1 (02-04-11)
DATASHEET
6.44
LED Polarity Registers
The LED Polarity Registers control the logical polarity of the LED outputs. When these bits are set or
cleared, the corresponding LED Mirror controls are also set or cleared (unless the BLK_POL_MIR bit
is set - see Section 6.33). Table 6.64, "LED Polarity Behavior" shows the interaction between the
polarity controls, output controls, and relative brightness.
APPLICATION NOTE: The polarity controls determine the final LED pin drive. A touch on a linked Capacitive Touch
Sensor is treated in the same way as the LED Output Control bit being set to a logic ‘1’.
APPLICATION NOTE: The LED drive assumes that the LEDs are configured such that if the LED pin is driven to
a logic ‘0’, the LED will be on and the CAP1114 LED pin is sinking the LED current.
Conversely, if the LED pin is driven to a logic ‘1’, the LED will be off and there is no current
flow. See Figure 5.1, "System Diagram for CAP1114".
APPLICATION NOTE: This application note applies when the LED polarity is inverted (LEDx_POL = ‘0’). For LED
operation, the duty cycle settings determine the % of time that the LED pin will be driven to
a logic ‘0’ state in an inverted system. The Max Duty Cycle settings define the maximum %
of time that the LED pin will be driven low (i.e. maximum % of time that the LED is on) while
the Min Duty Cycle settings determine the minimum % of time that the LED pin will be driven
low (i.e. minimum % of time that the LED is on). When there is no touch detected or the
LED Output Control register bit is at a logic ‘0’, the LED output will be driven at the minimum
duty cycle setting. Breathe operations will ramp the duty cycle from the minimum duty cycle
to the maximum duty cycle.
APPLICATION NOTE: This application note applies when the LED polarity is non-inverted (LEDx_POL = ‘1’). For
LED operation, the duty cycle settings determine the % of time that the LED pin will be driven
to a logic ‘1’ state in a non-inverted system. The Max Duty Cycle settings define the
maximum % of time that the LED pin will be driven high (i.e. maximum % of time that the
LED is off) while the Min Duty Cycle settings determine the minimum % of time that the LED
pin will be driven high (i.e. minimum % of time that the LED is off). When there is no touch
detected or the LED Output Control register bit is at a logic ‘0’, the LED output will be driven
at 100 minus the minimum duty cycle setting. Breathe operations will ramp the duty cycle
from 100 minus the minimum duty cycle to 100 minus the maximum duty cycle.
APPLICATION NOTE: The LED Mirror controls (see Section 6.46, "LED Mirror Control") work with the polarity
controls with respect to LED brightness but will not have a direct effect on the output pin
drive.
Table 6.63 LED Polarity Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
75h
R/W
LED Polarity
1
LED8_
POL
LED7_
POL
LED6_
POL
LED5_
POL
LED4_
POL
LED3_
POL
LED2_
POL
LED1_
POL
00h
76h
R/W
LED Polarity
2
--
-
-
-
LED11_
POL
LED10_
POL
LED9_
POL
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com