Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1114 Datasheet(PDF) 17 Page - Microchip Technology

Part # CAP1114
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1114 Datasheet(HTML) 17 Page - Microchip Technology

Back Button CAP1114 Datasheet HTML 13Page - Microchip Technology CAP1114 Datasheet HTML 14Page - Microchip Technology CAP1114 Datasheet HTML 15Page - Microchip Technology CAP1114 Datasheet HTML 16Page - Microchip Technology CAP1114 Datasheet HTML 17Page - Microchip Technology CAP1114 Datasheet HTML 18Page - Microchip Technology CAP1114 Datasheet HTML 19Page - Microchip Technology CAP1114 Datasheet HTML 20Page - Microchip Technology CAP1114 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 102 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
SMSC CAP1114
17
Revision 1.1 (02-04-11)
DATASHEET
Input Low Voltage
VIL
0.8
V
Leakage Current
ILEAK
±5
uA
powered or unpowered
TA < 85°C
pull-up voltage < 3.6V
RESET Pin
Input High Voltage
VIH
2.0
V
Input Low Voltage
VIL
0.8
V
RESET Filter Time
tRST_FILT
10
ms
RESET Pin release
to fully active
operation
tRST_ON
400
500
ms
SMBus Timing
Input Capacitance
CIN
5pF
Clock Frequency
fSMB
10
400
kHz
Spike Suppression
tSP
50
ns
Bus free time Start to
Stop
tBUF
1.3
us
Setup Time: Start
tSU:STA
0.6
us
Setup Time: Stop
tSU:STP
0.6
us
Data Hold Time
tHD:DAT
0.6
6
us
Data Setup Time
tSU:DAT
0.6
72
us
Clock Low Period
tLOW
1.3
us
Clock High Period
tHIGH
0.6
us
Clock/Data Fall time
tFALL
300
ns
Min = 20+0.1CLOAD ns
Clock/Data Rise time
tRISE
300
ns
Min = 20+0.1CLOAD ns
Capacitive Load
CLOAD
400
pF
per bus line
Table 3.2 Electrical Specifications (continued)
VDD = 3V to 3.6V, TA = -40°C to 125°C, all Typical values at TA = 27°C unless otherwise noted.
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNIT
CONDITIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com