Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1114 Datasheet(PDF) 46 Page - Microchip Technology

Part # CAP1114
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1114 Datasheet(HTML) 46 Page - Microchip Technology

Back Button CAP1114 Datasheet HTML 42Page - Microchip Technology CAP1114 Datasheet HTML 43Page - Microchip Technology CAP1114 Datasheet HTML 44Page - Microchip Technology CAP1114 Datasheet HTML 45Page - Microchip Technology CAP1114 Datasheet HTML 46Page - Microchip Technology CAP1114 Datasheet HTML 47Page - Microchip Technology CAP1114 Datasheet HTML 48Page - Microchip Technology CAP1114 Datasheet HTML 49Page - Microchip Technology CAP1114 Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 102 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
Revision 1.1 (02-04-11)
46
SMSC CAP1114
DATASHEET
APPLICATION NOTE: For the CAP1114-2, if the lid closure detection circuitry is enabled, these bits count as
sensors above the lid closure count threshold even if the corresponding data count is not. If
the corresponding data byte exceeds the lid closure threshold, it is not counted twice.
APPLICATION NOTE: Regardless of the state of the Noise Status bits, if low frequency noise is detected on a
sensor, that sample will be discarded unless the BLK_ANA_NOISE bit is set. As well, if RF
noise is detected on a sensor, that sample will be discarded unless the BLK_RF_NOISE bit
is set.
6.8
Lid Closure Status Registers
The Lid Closure Status Registers bits are only set if the lid closure detection circuitry is enabled (see
Section 6.24). These status bits indicate that the corresponding Capacitive Touch Sensor exceeded the
Lid Closure threshold. These bits will be set if a button press is detected because the Lid Closure
threshold is a percentage of the Sensor Threshold.
These bits are used in combination with the Lid Closure Pattern register settings to determine when a
Lid Closure Event is flagged (see Section 6.26).
These bits are not sticky and will be cleared automatically when the corresponding sensor count drops
below the lid closure count threshold. The device does not flag a sensor as above or below the
threshold until it has cycled through the queue (see Section 6.25, "Lid Closure Queue Control
Register").
APPLICATION NOTE: It is likely that recalibration will occur while the lid is closed, resulting in negative delta counts
until recalibration takes place.
6.9
GPIO Status Register
The GPIO Status Register bits are set whenever one of the GPIO inputs changes states. If the LEDx
/ GPIOx pin is not configured as a GPIO or as an input, the respective bit will be set to a logic ‘0’.
The bits are cleared when the register is read.
Table 6.10 Lid Closure Status Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
0Ch
R
Lid Closure
Status 1
-
S7_
LID
S6_
LID
S5_
LID
S4_
LID
S3_
LID
S2_
LID
S1_
LID
00h
0Dh
R
Lid Closure
Status 2
-
S14_
LID
S13_
LID
S12_
LID
S11_
LID
S10_
LID
S9_
LID
S8_
LID
00h
Table 6.11 GPIO Status Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
0Eh
R-C
GPIO Status
GPIO8_
STS
GPIO7_
STS
GPIO6_
STS
GPIO5_
STS
GPIO4_
STS
GPIO3_
STS
GPIO2_
STS
GPIO1_
STS
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com