Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1114 Datasheet(PDF) 60 Page - Microchip Technology

Part # CAP1114
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1114 Datasheet(HTML) 60 Page - Microchip Technology

Back Button CAP1114 Datasheet HTML 56Page - Microchip Technology CAP1114 Datasheet HTML 57Page - Microchip Technology CAP1114 Datasheet HTML 58Page - Microchip Technology CAP1114 Datasheet HTML 59Page - Microchip Technology CAP1114 Datasheet HTML 60Page - Microchip Technology CAP1114 Datasheet HTML 61Page - Microchip Technology CAP1114 Datasheet HTML 62Page - Microchip Technology CAP1114 Datasheet HTML 63Page - Microchip Technology CAP1114 Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 102 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
Revision 1.1 (02-04-11)
60
SMSC CAP1114
DATASHEET
Bit 0 - S1_SLEEP - Enables the CS1 sensor to be sampled when the device is placed into the Sleep
state.
6.23
Multiple Touch Configuration Register
The Multiple Touch Configuration Register controls the settings for the multiple touch detection circuitry.
These settings determine the number of sensors associated with this detection and the CAP1114
device behavior.
Bit 7 - MULT_BLK_EN - Enables the multiple button blocking circuitry.
‘0’ - The multiple touch circuitry is disabled. The device will not block multiple touches.
‘1’ (default) - The multiple touch circuitry is enabled. The device will accept the number of touches
equal to programmed multiple touch threshold and block all others. It will remember which sensor
is valid and block all others until that sensor has been released.
Bits 3 - 2 - B_MULT_T[1:0] - Determines the number of simultaneous touches on all buttons (excluding
the Grouped buttons) before a Multiple Touch Event is flagged. If the number of multiple buttons
touches is greater than the threshold value, a Multiple Touch Event is flagged. The bit decode is given
by Table 6.32.
Bits 1 - 0 - G_MULT_T[1:0] - Determines the number of simultaneous touches on all Grouped buttons
before a Multiple Touch Event is flagged. If the number of multiple buttons touches is greater than the
threshold value, a Multiple Touch Event is flagged. The bit decode is given by Table 6.33.
Table 6.31 Multiple Touch Configuration Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
2Ah
R/W
Multiple
Touch Config
MULT_
BLK_EN
-
-
-
B_MULT_T[1:0]
G_MULT_T[1:0]
82h
Table 6.32 B_MULT_T Bit Decode
B_MULT_T[1:0]
NUMBER OF SIMULTANEOUS
TOUCHES
10
0
0
1 (default)
01
2
10
3
11
4
Table 6.33 G_MULT_T Bit Decode
G_MULT_T[1:0]
NUMBER OF SIMULTANEOUS
TOUCHES
10
00
2
01
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com