Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1114 Datasheet(PDF) 20 Page - Microchip Technology

Part # CAP1114
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1114 Datasheet(HTML) 20 Page - Microchip Technology

Back Button CAP1114 Datasheet HTML 16Page - Microchip Technology CAP1114 Datasheet HTML 17Page - Microchip Technology CAP1114 Datasheet HTML 18Page - Microchip Technology CAP1114 Datasheet HTML 19Page - Microchip Technology CAP1114 Datasheet HTML 20Page - Microchip Technology CAP1114 Datasheet HTML 21Page - Microchip Technology CAP1114 Datasheet HTML 22Page - Microchip Technology CAP1114 Datasheet HTML 23Page - Microchip Technology CAP1114 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 102 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
Revision 1.1 (02-04-11)
20
SMSC CAP1114
DATASHEET
4.2.2
Block Write
The Block Write is used to write multiple data bytes to a group of contiguous registers as shown in
Table 4.3. It is an extension of the Write Byte Protocol.
APPLICATION NOTE: When using the Block Write protocol, the internal address pointer will be automatically
incremented after every data byte is received. It will wrap from FFh to 00h.
4.2.3
SMBus Read Byte
The Read Byte protocol is used to read one byte of data from the registers as shown in Table 4.4.
4.2.4
Block Read
The Block Read is used to read multiple data bytes from a group of contiguous registers as shown in
Table 4.5. It is an extension of the Read Byte Protocol.
APPLICATION NOTE: When using the Block Read protocol, the internal address pointer will be automatically
incremented after every data byte is received. It will wrap from FFh to 00h.
4.2.5
SMBus Send Byte
The Send Byte protocol is used to set the internal address register pointer to the correct address
location. No data is transferred during the Send Byte protocol as shown in Table 4.6.
Table 4.3 Block Write Protocol
START
CLIENT
ADDRESS
WR
ACK
REGISTER
ADDRESS
ACK
REGISTER
DATA
ACK
1 ->0
0101_000
0
0
XXh
0
XXh
0
REGISTER
DATA
ACK
REGISTER
DATA
ACK
. . .
REGISTER
DATA
ACK
STOP
XXh
0
XXh
0
. . .
XXh
0
0 -> 1
Table 4.4 Read Byte Protocol
START
CLIENT
ADDRESS
WR
ACK
REGISTER
ADDRESS
ACK
START
CLIENT
ADDRESS
RD
ACK
REGISTER
DATA
NACK
STOP
1->0
0101_000
0
0
XXh
0
1 ->0
0101_000
1
0
XXh
1
0 -> 1
Table 4.5 Block Read Protocol
START
CLIENT
ADDRESS
WR
ACK
REGISTER
ADDRESS
ACK
START
CLIENT
ADDRESS
RD
ACK
REGISTER
DATA
1->0
0101_000
0
0
XXh
0
1 ->0
0101_000
1
0
XXh
ACK
REGISTER
DATA
ACK
REGISTER
DATA
ACK
REGISTER
DATA
ACK
. . .
REGISTER
DATA
NACK
STOP
0
XXh
0
XXh
0
XXh
0
. . .
XXh
1
0 -> 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com