Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1114 Datasheet(PDF) 29 Page - Microchip Technology

Part # CAP1114
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1114 Datasheet(HTML) 29 Page - Microchip Technology

Back Button CAP1114 Datasheet HTML 25Page - Microchip Technology CAP1114 Datasheet HTML 26Page - Microchip Technology CAP1114 Datasheet HTML 27Page - Microchip Technology CAP1114 Datasheet HTML 28Page - Microchip Technology CAP1114 Datasheet HTML 29Page - Microchip Technology CAP1114 Datasheet HTML 30Page - Microchip Technology CAP1114 Datasheet HTML 31Page - Microchip Technology CAP1114 Datasheet HTML 32Page - Microchip Technology CAP1114 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 102 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
SMSC CAP1114
29
Revision 1.1 (02-04-11)
DATASHEET
Whenever an interrupt is generated, the INT bit (see Section 6.1) is set. The ALERT pin is cleared
when INT bit is cleared by the user. Additionally, when the INT bit is cleared by the user, status bits
are cleared only if no press is detected.
5.7.1
Button Interrupt Behavior
For non-grouped buttons, an interrupt is generated when a touch is detected. If the repeat rate is
enabled (see Section 6.14), then, so long as the touch is held, another interrupt will be generated
based on the programmed repeat rate (see Figure 5.2) and upon release.
5.7.2
Grouped Sensor Interrupt Behavior
For grouped sensors, an interrupt is generated upon initial detection of a tap, slide, or press and hold
event. Then, subsequent interrupts are generated as follows:
1. For a slide event, an interrupt is generated based on the programmed repeat rate as well as the
velocity of the slide operation. See Figure 5.6 and Figure 5.7. Additional interrupts are generated
after the slide has finished. These extra interrupts are generated every round robin cycle (~35ms)
and the number is determined by the speed of the slide.
2. For a tap event there are no further interrupts. See Figure 5.4.
3. For a press and hold event, interrupts are generated based on the programmed repeat rate. If the
repeat rate is disabled, no further interrupts are generated. See Figure 5.5.
5.7.3
Wake from Deep Sleep
When the ALERT pin is driven high from an external source, it is also used to wake the device from
the Deep Sleep power state. When the device enters the Deep Sleep power state, the ALERT pin
output is put into a high-Z mode. It requires a pull-down resistor to pull it to the inactive state.
Furthermore, the CAP1114 will wait 5ms before it samples the ALERT pin for wake activity.
Figure 5.2 Button Interrupt Behavior - Repeat Rate Enabled (default)
Touch Detected
ALERT Pin /
INT bit
Button Status
SMBus Write to
INT bit
Polling Cycle
(35ms)
Button Repeat Rate
(175ms)
Optional
Interrupt on
Release
Interrupt on
Touch
Button Repeat Rate
(175ms)
Button Repeat Rate
(175ms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com