Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1114 Datasheet(PDF) 37 Page - Microchip Technology

Part # CAP1114
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1114 Datasheet(HTML) 37 Page - Microchip Technology

Back Button CAP1114 Datasheet HTML 33Page - Microchip Technology CAP1114 Datasheet HTML 34Page - Microchip Technology CAP1114 Datasheet HTML 35Page - Microchip Technology CAP1114 Datasheet HTML 36Page - Microchip Technology CAP1114 Datasheet HTML 37Page - Microchip Technology CAP1114 Datasheet HTML 38Page - Microchip Technology CAP1114 Datasheet HTML 39Page - Microchip Technology CAP1114 Datasheet HTML 40Page - Microchip Technology CAP1114 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 102 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
SMSC CAP1114
37
Revision 1.1 (02-04-11)
DATASHEET
37h
R/W
Group Threshold
Stores the delta count threshold to
determine a touch on any of the
Grouped Sensors
40h
Page 64
38h
R/W
Button Noise
Threshold 1
Stores controls for selecting the
noise threshold for buttons 1 - 4
AAh
Page 65
39h
R/W
Button Noise
Threshold 2
Stores controls for selecting the
noise threshold for buttons 5 - 7
and the Grouped sensors
AAh
Page 65
3Ah
R/W
Lid Closure
Threshold 1
Stores controls for selecting the lid
closure threshold for buttons 1 - 4
AAh
Page 66
3Bh
R/W
Lid Closure
Threshold 2
Stores controls for selecting the lid
closure threshold for buttons 5 - 8
AAh
Page 66
3Ch
R/W
Lid Closure
Threshold 3
Stores controls for selecting the lid
closure threshold for buttons 9 - 12
AAh
Page 66
3Dh
R/W
Lid Closure
Threshold 4
Stores controls for selecting the lid
closure threshold for buttons 13 -
14
0Ah
Page 66
3Eh
R/W
Slider Velocity
Configuration
Determines speed parameters for
the slider
C5h
Page 67
3Fh
R/W
Digital Recalibration
Forces digital recalibration for all
sensors
00h
Page 69
40h
R/W
Configuration 2
Stores additional controls for
general operation
00h
Page 70
41h
R/W
Grouped Channel
Sensor Enable
Stores controls to enable some or
all sensors in the group
7Fh
Page 71
42h
R/W
Proximity Control
Controls the sensitivity settings for
CS1
02h
Page 72
46h
R/W
Grouped Sensor
Calibration Activate
Stores controls to force a
calibration on the individual
sensors in the Group
00h
Page 56
4Eh
R/W
Sampling Channel
Select
Controls which channels are
affected by the Sampling
Configuration Register settings
00h
Page 73
4Fh
R/W
Sampling
Configuration
Changes the sampling time for one
or more input channels
00h
Page 73
50h
R
Sensor 1 Base Count
Stores the reference count value
for sensor 1
00h
Page 74
51h
R
Sensor 2 Base Count
Stores the reference count value
for sensor 2
00h
Page 74
52h
R
Sensor 3 Base Count
Stores the reference count value
for sensor 3
00h
Page 74
53h
R
Sensor 4 Base Count
Stores the reference count value
for sensor 4
00h
Page 74
Table 6.1 Register Set in Hexadecimal Order (continued)
REGISTER
ADDRESS
R/W
REGISTER NAME
FUNCTION
DEFAULT
VALUE
PAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com