Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1114 Datasheet(PDF) 62 Page - Microchip Technology

Part # CAP1114
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1114 Datasheet(HTML) 62 Page - Microchip Technology

Back Button CAP1114 Datasheet HTML 58Page - Microchip Technology CAP1114 Datasheet HTML 59Page - Microchip Technology CAP1114 Datasheet HTML 60Page - Microchip Technology CAP1114 Datasheet HTML 61Page - Microchip Technology CAP1114 Datasheet HTML 62Page - Microchip Technology CAP1114 Datasheet HTML 63Page - Microchip Technology CAP1114 Datasheet HTML 64Page - Microchip Technology CAP1114 Datasheet HTML 65Page - Microchip Technology CAP1114 Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 102 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
Revision 1.1 (02-04-11)
62
SMSC CAP1114
DATASHEET
Bits 2 - 0 - QUEUE_L[2:0] - The number of consecutive samples from an individual sensor necessary
to set the Lid Closure status bit associated with the sensor. The queue applies individually to all
sensors (including both buttons and grouped sensors) and applies to setting and clearing the
respective status bit. The queue can range from 1 sample to 8 consecutive samples with a default of
2 consecutive samples.
6.26
Lid Closure Pattern Registers
The Lid Closure Pattern Registers act as a pattern to identify an expected sensor profile that is
consistent with lid closure. They are only used when lid closure is enabled (see Section 6.24, "Lid
Closure Configuration Register"). There are two methods for how the Lid Closure Status Registers are
used with the Lid Closure Pattern registers: as specific sensors that must exceed the lid closure
threshold or as the number of sensors that must exceed the lid closure threshold. Which method is
used is based on bit 1 in the Lid Closure Configuration Register. The methods are described below. A
Lid Closure Event is flagged in the Group Status register (see Section 6.10, "Group Status Register").
1. Specific Sensors: If the bits set in the Lid Closure Pattern are also set in the Lid Status registers,
a Lid Closure Event is flagged.
2. Number of Sensors: The number of bits in the Lid Closure Status registers is compared to the
number of bits in the Lid Closure Pattern registers to determine whether a Lid Closure Event is
flagged. If any one of the conditions below is met, the Lid Closure Event is flagged.
If the number of bits in Lid Closure Status 1 register equals or exceeds the number of bits in
the Lid Closure Pattern 1 register, a Lid Closure Event is flagged. In other words, if the number
of simultaneous sensors 1-7 exceeding the lid closure threshold meets or exceeds the number
of bits in the Lid Closure Pattern 1 register, a Lid Closure Event is flagged.
If the number of bits in Lid Closure Status 2 register equals or exceeds the number of bits in
the Lid Closure Pattern 2 register, a Lid Closure Event is flagged. In other words, if the number
of simultaneous grouped sensors 8-14 exceeding the lid closure threshold meets or exceeds
the number of bits in the Lid Closure Pattern 2 register, a Lid Closure Event is flagged.
If the total number of bits in both the Lid Closure Status 1 and 2 registers equals or exceeds
the total number of bits in both the Lid Closure Pattern 1 and 2 registers, a Lid Closure Event
is flagged. In other words, if the total number of sensors above the lid closure threshold is
greater than or equal to the number of sensors required for both Lid Closure Patterns, a Lid
Closure Event is flagged.
A value of 00h in both registers will effectively disable the Lid Closure circuitry and clear the
LID status bit.
Table 6.36 Lid Closure Pattern Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
2Dh
R/W
Lid Closure
Pattern 1
-
S7_LM
S6_LM
S5_LM
S4_LM
S3_LM
S2_LM
S1_LM
7Fh
2Eh
R/W
Lid Closure
Pattern 2
S14_
LM
S13_
LM
S12_
LM
S11_
LM
S10_
LM
S9_LM
S8_LM
7Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com