Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1114 Datasheet(PDF) 58 Page - Microchip Technology

Part # CAP1114
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1114 Datasheet(HTML) 58 Page - Microchip Technology

Back Button CAP1114 Datasheet HTML 54Page - Microchip Technology CAP1114 Datasheet HTML 55Page - Microchip Technology CAP1114 Datasheet HTML 56Page - Microchip Technology CAP1114 Datasheet HTML 57Page - Microchip Technology CAP1114 Datasheet HTML 58Page - Microchip Technology CAP1114 Datasheet HTML 59Page - Microchip Technology CAP1114 Datasheet HTML 60Page - Microchip Technology CAP1114 Datasheet HTML 61Page - Microchip Technology CAP1114 Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 102 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
Revision 1.1 (02-04-11)
58
SMSC CAP1114
DATASHEET
6.21
Interrupt Enable Registers
The Interrupt Enable Registers determine whether a button press or GPIO input changing state causes
the interrupt pin to be asserted.
6.21.1
Interrupt Enable 1
Bit 7 - G_INT_EN - Enables the interrupt pin to be asserted if a slide, tap, or press and hold action is
detected on the grouped sensors.
‘0’ - The interrupt pin will not be asserted if a slide, tap, or press and hold action is detected on
the grouped sensors (associated with the UP, DOWN, TAP, and PH status bits).
‘1’ (default) - The interrupt pin will asserted if a slide, tap, or press and hold event is detected on
the grouped sensors (associated with the UP, DOWN, TAP, and PH status bits).
Bit 6 - S7_INT_EN - Enables the interrupt pin to be asserted if a touch is detected on CS7 (associated
with the CS7 status bit).
‘0’ - The interrupt pin will not be asserted if a touch is detected on CS7 (associated with the CS7
status bit).
‘1’ (default) - The interrupt pin will be asserted is detected on CS7 (associated with the CS7 status
bit).
Bit 5 - S6_INT_EN - Enables the interrupt pin to be asserted if a touch is detected on CS6 (associated
with the CS6 status bit).
Bit 4 - S5_INT_EN - Enables the interrupt pin to be asserted if a touch is detected on CS5 (associated
with the CS5 status bit).
Bit 3 - S4_INT_EN - Enables the interrupt pin to be asserted if a touch is detected on CS4 (associated
with the CS4 status bit).
Bit 2 - S3_INT_EN - Enables the interrupt pin to be asserted if a touch is detected on CS3 (associated
with the CS3 status bit).
Bit 1 - S2_INT_EN - Enables the interrupt pin to be asserted if a touch is detected on CS2 (associated
with the CS2 status bit).
Bit 0 - S1_INT_EN - Enables the interrupt pin to be asserted if a touch is detected on CS1 (associated
with the CS1 status bit).
6.21.2
Interrupt Enable 2
These bits enable the interrupt pin to be asserted when the GPIOx status bit has been set.
Bit 7 - GPIO8_INT_EN - Enables the interrupt pin to be asserted if the GPIO8 status bit has been set.
‘0’ (default) - The interrupt pin will not be asserted if the GPIO8 status bit has been set.
‘1’ - The interrupt pin will be asserted if the GPIO8 status bit has been set.
Table 6.29 Interrupt Enable Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
27h
R/W
Interrupt
Enable 1
G_
INT_
EN
S7_
INT_
EN
S6_
INT_
EN
S5_
INT_
EN
S4_
INT_
EN
S3_
INT_
EN
S2_
INT_
EN
S1_
INT_
EN
FFh
28h
R/W
Interrupt
Enable 2
GPIO8_
INT_EN
GPIO7_
INT_EN
GPIO6_
INT_EN
GPIO5_
INT_EN
GPIO4_
INT_EN
GPIO3_
INT_EN
GPIO2_
INT_EN
GPIO1_
INT_EN
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com