Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1114 Datasheet(PDF) 40 Page - Microchip Technology

Part # CAP1114
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1114 Datasheet(HTML) 40 Page - Microchip Technology

Back Button CAP1114 Datasheet HTML 36Page - Microchip Technology CAP1114 Datasheet HTML 37Page - Microchip Technology CAP1114 Datasheet HTML 38Page - Microchip Technology CAP1114 Datasheet HTML 39Page - Microchip Technology CAP1114 Datasheet HTML 40Page - Microchip Technology CAP1114 Datasheet HTML 41Page - Microchip Technology CAP1114 Datasheet HTML 42Page - Microchip Technology CAP1114 Datasheet HTML 43Page - Microchip Technology CAP1114 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 102 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
Revision 1.1 (02-04-11)
40
SMSC CAP1114
DATASHEET
During Power-On-Reset (POR), the default values are stored in the registers. A POR is initiated when
power is first applied to the part and the voltage on the VDD supply surpasses the POR level as
specified in the electrical characteristics. Any reads to undefined registers will return 00h. Writes to
undefined registers will not have an effect.
When a bit is “set”, this means that the user writes a logic ‘1’ to it. When a bit is “cleared”, this means
that the user writes a logic ‘0’ to it.
B4h
R
Sensor 4 Calibration
Stores the high byte of the 10-bit
value used to drive the analog
portion of sensor 4
00h
Page 94
B5h
R
Sensor 5 Calibration
Stores the high byte of the 10-bit
value used to drive the analog
portion of sensor 5
00h
Page 94
B6h
R
Sensor 6 Calibration
Stores the high byte of the 10-bit
value used to drive the analog
portion of sensor 6
00h
Page 94
B7h
R
Sensor 7 Calibration
Stores the high byte of the 10-bit
value used to drive the analog
portion of sensor 7
00h
Page 94
B8h
R
Sensor 8 Calibration
Stores the high byte of the 10-bit
value used to drive the analog
portion of sensor 8
00h
Page 94
B9h
R
Sensor 9 Calibration
Stores the high byte of the 10-bit
value used to drive the analog
portion of sensor 9
00h
Page 94
BAh
R
Sensor 10
Calibration
Stores the high byte of the 10-bit
value used to drive the analog
portion of sensor 10
00h
Page 94
BBh
R
Sensor 11 Calibration
Stores the high byte of the 10-bit
value used to drive the analog
portion of sensor 11
00h
Page 94
BCh
R
Sensor 12
Calibration
Stores the high byte of the 10-bit
value used to drive the analog
portion of sensor 12
00h
Page 94
BDh
R
Sensor 13
Calibration
Stores the high byte of the 10-bit
value used to drive the analog
portion of sensor 13
00h
Page 94
BEh
R
Sensor 14
Calibration
Stores the high byte of the 10-bit
value used to drive the analog
portion of sensor 14
00h
Page 94
FDh
R
Product ID
Stores a fixed value that identifies
each product
3Ah
Page 95
FEh
R
Manufacturer ID
Stores a fixed value that identifies
SMSC
5Dh
Page 45
FFh
R
Revision
Stores a fixed value that
represents the revision number
80h
Page 95
Table 6.1 Register Set in Hexadecimal Order (continued)
REGISTER
ADDRESS
R/W
REGISTER NAME
FUNCTION
DEFAULT
VALUE
PAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com