Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1114 Datasheet(PDF) 63 Page - Microchip Technology

Part # CAP1114
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1114 Datasheet(HTML) 63 Page - Microchip Technology

Back Button CAP1114 Datasheet HTML 59Page - Microchip Technology CAP1114 Datasheet HTML 60Page - Microchip Technology CAP1114 Datasheet HTML 61Page - Microchip Technology CAP1114 Datasheet HTML 62Page - Microchip Technology CAP1114 Datasheet HTML 63Page - Microchip Technology CAP1114 Datasheet HTML 64Page - Microchip Technology CAP1114 Datasheet HTML 65Page - Microchip Technology CAP1114 Datasheet HTML 66Page - Microchip Technology CAP1114 Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 102 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
SMSC CAP1114
63
Revision 1.1 (02-04-11)
DATASHEET
6.27
Recalibration Configuration Register
The Recalibration Configuration Register controls the automatic re-calibration routine settings as well
as advanced controls to program the Sensor Threshold register settings and interrupt behavior.
Bit 7 - BUT_LD_TH - Enables setting all button Sensor Threshold registers by writing to the Sensor 1
Threshold register.
‘0’ - Each Sensor X Threshold register is updated individually.
‘1’ (default) - Writing the Sensor 1 Threshold register will automatically overwrite the Sensor
Threshold registers for all buttons (Sensor Threshold 1 through Sensor Threshold 7). The individual
Sensor X Threshold registers (Sensor 2 Threshold through Sensor 7 Threshold) can be individually
updated at any time.
Bit 6 - GP_LD_TH - Enables setting the Group Threshold register by writing to the Sensor 1 Threshold
register.
‘0’ (default) - The Group Threshold register is updated independently of the Sensor 1 Threshold
register.
‘1’ - Writing the Sensor 1 Threshold register automatically overwrites the Group Threshold register
settings.
Bits 4 - 3 - NEG_DELTA_CNT[1:0] - Determines the number of negative delta counts necessary to
trigger a digital re-calibration as shown in Table 6.38.
Bits 2 - 0 - CAL_CFG[2:0] - Determines the update time and number of samples of the automatic re-
calibration routine. The settings apply to all sensors universally (though individual sensors and the
group can be configured to support re-calibration - see Section 6.19).
Table 6.37 Recalibration Configuration Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
2Fh
R/W
Recalibration
Configuration
BUT_
LD_TH
GP_
LD_TH
-
NEG_DELTA_
CNT[1:0]
CAL_CFG[2:0]
93h
Table 6.38 NEG_DELTA_CNT Bit Decode
NEG_DELTA_CNT[1:0]
NUMBER OF CONSECUTIVE NEGATIVE DELTA
COUNT VALUES
10
00
8
01
16
1
0
32 (default)
1
1
None (disabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com