Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1114 Datasheet(PDF) 45 Page - Microchip Technology

Part # CAP1114
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1114 Datasheet(HTML) 45 Page - Microchip Technology

Back Button CAP1114 Datasheet HTML 41Page - Microchip Technology CAP1114 Datasheet HTML 42Page - Microchip Technology CAP1114 Datasheet HTML 43Page - Microchip Technology CAP1114 Datasheet HTML 44Page - Microchip Technology CAP1114 Datasheet HTML 45Page - Microchip Technology CAP1114 Datasheet HTML 46Page - Microchip Technology CAP1114 Datasheet HTML 47Page - Microchip Technology CAP1114 Datasheet HTML 48Page - Microchip Technology CAP1114 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 102 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
SMSC CAP1114
45
Revision 1.1 (02-04-11)
DATASHEET
6.5
Vendor ID Register
The Vendor ID Register stores an 8-bit value that represents SMSC.
6.6
Volumetric Step Register
The Volumetric Step Register controls the size of a step to the volumetric data when a slide is detected
in the UP and DOWN directions.
Bits 3 - 0 - VOL_STEP[3:0] - Determines the volumetric data step when a slide is detected. Each LSB
corresponds to a value of ±1.
6.7
Noise Status Registers
The Noise Status Registers store status bits that are generated from the analog block if the detected
noise is above the operating region of the analog detector. These bits indicate that the most recently
received data from the sensor is invalid and should not be used for touch detection. Furthermore, so
long as the bit is set for a particular channel, no decisions are made with the data. The queues are
not updated, a touch is not detected, and a release is not detected.
These bits will also be set if RF noise is detected on any individual sensor. With the exception of CS1,
these conditions are OR’d together when setting the bits. For CS1, the S1_RF_NOISE bit will be set
when RF noise is detected, and the S1_NOISE bit will be set if the detected noise is above the
operating region of the detector.
These bits are not sticky and will be cleared automatically if the analog block does not report a noise
error.
Table 6.7 Vendor ID Register
ADDR
R/W
REGISTER
B7B6B5B4B3B2B1B0
DEFAULT
08h
R
Vendor ID
01011101
5Dh
FEh
Table 6.8 Volumetric Step Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
09h
R/W
Volumetric Step
----
VOL_STEP[3:0]
01h
Table 6.9 Noise Status Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
0Ah
R
Noise Status 1
S1_RF_
NOISE
S7_
NOISE
S6_
NOISE
S5_
NOISE
S4_
NOISE
S3_
NOISE
S2_
NOISE
S1_
NOISE
00h
0Bh
R
Noise Status 2
-
S14_
NOISE
S13_
NOISE
S12_
NOISE
S11_
NOISE
S10_
NOISE
S9_
NOISE
S8_
NOISE
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com