Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1114 Datasheet(PDF) 10 Page - Microchip Technology

Part # CAP1114
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1114 Datasheet(HTML) 10 Page - Microchip Technology

Back Button CAP1114 Datasheet HTML 6Page - Microchip Technology CAP1114 Datasheet HTML 7Page - Microchip Technology CAP1114 Datasheet HTML 8Page - Microchip Technology CAP1114 Datasheet HTML 9Page - Microchip Technology CAP1114 Datasheet HTML 10Page - Microchip Technology CAP1114 Datasheet HTML 11Page - Microchip Technology CAP1114 Datasheet HTML 12Page - Microchip Technology CAP1114 Datasheet HTML 13Page - Microchip Technology CAP1114 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 102 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
Revision 1.1 (02-04-11)
10
SMSC CAP1114
DATASHEET
1.2
Register Delta
Table 1.1 Register Delta
ADDRESS
REGISTER DELTA
DELTA
DEFAULT
05h
Changed - Build
Revision
Reset build revision to 10h
10h
20h
Changed -
Configuration
Changed functionality of RPT_EN_B bit.
Changed default
29h
2Fh
Changed -
Recalibration
Configuration
Removed ACAL_RT[1:0] bits and
replaced with NEG_CNT[1:0] bits. These
bits control recalibration when negative
counts are received.
93h
38h
Changed - Button
Noise Threshold 1
Changed default
AAh
39h
Changed - Button
Noise Threshold 2
Changed default
AAh
3Fh
New - Digital
Recalibration
New register to force digital recalibration
on all sensors
00h
40h
New - Configuration 2
New register to control LED touch linking
behavior, LED output behavior, and noise
detection, and interrupt on release
00h
41h
New - Grouped
Channel Sensor
Enable
New register to enable individual sensors
within the grouped sensors
7Fh
42h
New - Proximity Control
New register to enable / configure
proximity settings on CS1
02h
46h
New - Group Button
Calibration Activate
New register to force calibration on
individual grouped sensors
00h
4Eh
New - Sampling
Channel Select
New register to select which channels
can be controlled via the Sampling
Configuration register
00h
60h
New - LED Status 1
New register to store status for LEDs that
have finished their programmed behavior
00h
61h
New - LED Status 2
New register to store status for LEDs that
have finished their programmed behavior
00h
77h
New - Linked LED
Transition Control 1
New register to control transition effect
when LED linked to CS sensor
00h
78h
New - Linked LED
Transition Control 2
New register to control transition effect
when LED linked to CS sensor
00h
79h
New - LED Mirror
Control 1
New register to control LED output
mirroring for brightness control when
polarity changed
00h
7Ah
New - LED Mirror
Control 2
New register to control LED output
mirroring for brightness control when
polarity changed
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com