Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1114 Datasheet(PDF) 15 Page - Microchip Technology

Part # CAP1114
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1114 Datasheet(HTML) 15 Page - Microchip Technology

Back Button CAP1114 Datasheet HTML 11Page - Microchip Technology CAP1114 Datasheet HTML 12Page - Microchip Technology CAP1114 Datasheet HTML 13Page - Microchip Technology CAP1114 Datasheet HTML 14Page - Microchip Technology CAP1114 Datasheet HTML 15Page - Microchip Technology CAP1114 Datasheet HTML 16Page - Microchip Technology CAP1114 Datasheet HTML 17Page - Microchip Technology CAP1114 Datasheet HTML 18Page - Microchip Technology CAP1114 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 102 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
SMSC CAP1114
15
Revision 1.1 (02-04-11)
DATASHEET
Chapter 3 Electrical Specifications
Note: Stresses above those listed could cause permanent damage to the device. This is a stress
rating only and functional operation of the device at any other condition above those indicated
in the operation sections of this specification is not implied.
Note 3.1
For the 5V tolerant pins that have a pull-up resistor, the pull-up voltage must not exceed
3.6V when the device is unpowered.
Note 3.2
The Package Power Dissipation specification assumes a thermal via design with the
thermal landing be soldered to the PCB ground plane with 0.3mm (12mil) diameter vias in
a 4x4 matrix at 0.9mm (35.4mil) pitch.
Note 3.3
Junction to Ambient (
θJA) is dependent on the design of the thermal vias. Without thermal
vias and a thermal landing, the
θJA is approximately 60°C/W including localized PCB
temperature increase.
Table 3.1 Absolute Maximum Ratings
Voltage on VDD pin
-0.3 to 4
V
Voltage on 5V tolerant pins (V5VT_PIN)
-0.3 to 5.5
V
Voltage on 5V tolerant pins (|V5VT_PIN - VDD|) (see Note 3.1)0 to 3.6
V
Voltage on any other pin to GND
-0.3 to VDD + 0.3
V
Package Power Dissipation up to TA = 85°C (see Note 3.2)1
W
Junction to Ambient (
θJA) (see Note 3.3)48
°C/W
Operating Ambient Temperature Range
-40 to 125
°C
Storage Temperature Range
-55 to 150
°C
ESD Rating, All Pins, HBM
8000
V
Table 3.2 Electrical Specifications
VDD = 3V to 3.6V, TA = -40°C to 125°C, all Typical values at TA = 27°C unless otherwise noted.
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNIT
CONDITIONS
DC Power
Supply Voltage
VDD
3.0
3.3
3.6
V
Supply Current
IDD
0.55
1
mA
Average current
Capacitive Sensing Active,
LEDs enabled
ISLEEP
200
250
uA
Sleep state active, 1 sensor
monitored; LED11 inactive
TA < 85°C
IDSLEEP
4.5
10
uA
Deep Sleep, LED 11 inactive
TA < 40°C
Time to
Communications
tCOMM
15
20
ms
Time from power applied to
communications active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com