Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1114 Datasheet(PDF) 87 Page - Microchip Technology

Part # CAP1114
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1114 Datasheet(HTML) 87 Page - Microchip Technology

Back Button CAP1114 Datasheet HTML 83Page - Microchip Technology CAP1114 Datasheet HTML 84Page - Microchip Technology CAP1114 Datasheet HTML 85Page - Microchip Technology CAP1114 Datasheet HTML 86Page - Microchip Technology CAP1114 Datasheet HTML 87Page - Microchip Technology CAP1114 Datasheet HTML 88Page - Microchip Technology CAP1114 Datasheet HTML 89Page - Microchip Technology CAP1114 Datasheet HTML 90Page - Microchip Technology CAP1114 Datasheet HTML 91Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 102 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
SMSC CAP1114
87
Revision 1.1 (02-04-11)
DATASHEET
.
Figure 6.1 Pulse 1 Behavior with Touch Trigger and Non-inverted Polarity
Figure 6.2 Pulse 1 Behavior with Touch Trigger and Inverted Polarity
Table 6.71 LED Pulse / Breathe Period Example
SETTING
(HEX)
SETTING (DECIMAL)
TOTAL PULSE / BREATHE PERIOD
(ms)
00h
0
32
01h
1
32
02h
2
64
03h
3
96
04h
4
128
Normal – untouched
operation
Normal – untouched
operation
Touch Detected
(100% - Pulse 1 Max Duty Cycle) * Brightness
X pulses after touch
Pulse 1 Period
(P1_PER)
(100% - Pulse 1 Min Duty Cycle) * Brightness
LED
Brightness
Normal – untouched
operation
Normal – untouched
operation
Touch Detected
Pulse 1 Min Duty Cycle * Brightness
X pulses after touch
Pulse Period
(P1_PER)
Pulse 1 Max Duty Cycle * Brightness
LED
Brightness



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com