Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1114 Datasheet(PDF) 83 Page - Microchip Technology

Part # CAP1114
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1114 Datasheet(HTML) 83 Page - Microchip Technology

Back Button CAP1114 Datasheet HTML 79Page - Microchip Technology CAP1114 Datasheet HTML 80Page - Microchip Technology CAP1114 Datasheet HTML 81Page - Microchip Technology CAP1114 Datasheet HTML 82Page - Microchip Technology CAP1114 Datasheet HTML 83Page - Microchip Technology CAP1114 Datasheet HTML 84Page - Microchip Technology CAP1114 Datasheet HTML 85Page - Microchip Technology CAP1114 Datasheet HTML 86Page - Microchip Technology CAP1114 Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 102 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
SMSC CAP1114
83
Revision 1.1 (02-04-11)
DATASHEET
6.46.2
LED Mirror Control 2 - 7Ah
Bit 2 - LED11_MIR_EN - Determines whether the duty cycle settings are “biased” relative to 0% or
100% duty cycle.
Bit 1 - LED10_MIR_EN - Determines whether the duty cycle settings are “biased” relative to 0% or
100% duty cycle.
Bit 0 - LED9_MIR_EN - Determines whether the duty cycle settings are “biased” relative to 0% or 100%
duty cycle.
6.47
Sensor LED Linking Register
The Sensor LED Linking Register controls whether a Capacitive Touch Sensor is linked to an LED
output or not. If the corresponding bit is set, the appropriate LED output will change states defined by
the LED Behavior controls (see Section ) in response to the Capacitive Touch sensor.
If the LED channel is configured as an input, the corresponding Sensor LED Linking bit is ignored.
Bit 7 - UP_DOWN_LINK - Links the LED10 output to a detected UP condition on the group including
a slide in the “up” direction, a tap on the “up” side of the group or a press and hold condition on the
“up” side of the group. The LED10 driver will be actuated and will behave as determined by the
LED10_CTL bits. This bit also links the LED9 output to a detected DOWN condition on the group
including a slide in the “down” direction, a tap on the “down” side of the group or a press and hold
condition on the “down” side of the group. The LED9 driver will be actuated and will behave as
determined by the LED9_CTL bits.
LED9 and LED10 will not be active simultaneously. If LED9 is actuated by detecting a slide, tap, or
press and hold event, LED10 will be inactive. Likewise, if LED10 is actuated by detecting a slide, tap,
or press and hold event, LED9 will be inactive.
Bit 6 - CS7_LED7 - Links the LED7 output to a detected touch on the CS7 sensor. When a touch is
detected, the LED is actuated and will behave as determined by the LED Behavior controls.
‘0’ - The LED7 output is not associated with the CS7 input. If a touch is detected on the CS7 input,
the LED will not automatically be actuated. The LED is enabled and controlled via the LED Output
Configuration register (see Section 6.43) and the LED Behavior registers (see Section ).
‘1’ - The LED 7 output is associated with the CS7 input. If a touch is detected on the CS7 input,
the LED will be actuated and behave as defined in Table 6.69. Furthermore, the LED will
automatically be enabled.
Bit 5 - CS6_LED6 - Links the LED6 output to a detected touch on the CS6 sensor. When a touch is
detected, the LED is actuated and will behave as determined by the LED Behavior controls.
Bit 4 - CS5_LED5 - Links the LED5 output to a detected touch on the CS5 sensor. When a touch is
detected, the LED is actuated and will behave as determined by the LED Behavior controls.
Bit 4 - CS4_LED4 - Links the LED4 output to a detected touch on the CS4 sensor. When a touch is
detected, the LED is actuated and will behave as determined by the LED Behavior controls.
Bit 2 - CS3_LED3 - Links the LED3 output to a detected touch on the CS3 sensor. When a touch is
detected, the LED is actuated and will behave as determined by the LED Behavior controls.
Table 6.67 Sensor LED Linking Register
ADDR
R/W
REGISTER
B7
B6B5B4
B3
B2B1B0
DEFAULT
80h
R/W
Sensor LED
Linking
UP_
DOWN _
LINK
CS7_
LED7
CS6_
LED6
CS5_
LED5
CS4_
LED4
CS3_
LED3
CS2_
LED2
CS1_
LED1
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com