Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1114 Datasheet(PDF) 28 Page - Microchip Technology

Part # CAP1114
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1114 Datasheet(HTML) 28 Page - Microchip Technology

Back Button CAP1114 Datasheet HTML 24Page - Microchip Technology CAP1114 Datasheet HTML 25Page - Microchip Technology CAP1114 Datasheet HTML 26Page - Microchip Technology CAP1114 Datasheet HTML 27Page - Microchip Technology CAP1114 Datasheet HTML 28Page - Microchip Technology CAP1114 Datasheet HTML 29Page - Microchip Technology CAP1114 Datasheet HTML 30Page - Microchip Technology CAP1114 Datasheet HTML 31Page - Microchip Technology CAP1114 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 102 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
Revision 1.1 (02-04-11)
28
SMSC CAP1114
DATASHEET
Slides in either direction are configured to flag an interrupt and to cause an LED to be actuated
(separate for each direction). The Slide is detected independently of a Press and Hold or a Tap
condition and only one condition may be present at any one time.
So long as a slide is maintained in either direction, it will flag an interrupt at the programmed repeat
rate (as determined by the RPT_RATE_SL bit settings). If the slide is removed or changes direction,
it will reset and return to normal operation.
5.5.4
Relative Position
The CAP1114 has the option to indicate the relative position of a touch on the Grouped sensors. This
value is stored either as a scaled number from 2 to 98 indicating where a tap, press and hold, or the
end of a slide was detected or as a 8-bit number that represents volumetric data. When configured to
store volumetric data, the user may write a base setting at any time that is modified based on Grouped
sensor behavior (see Section 6.4).
5.5.5
Slider Velocity
The repeat rate can be dynamically increased based on the speed of a slide. This permits slow sliding
motions to have precise, step-by-step volume control and faster motions to generate increasingly fast
volume changes.
Two techniques are employed to increase the number of interrupts generated based on speed. First,
the slide speed is measured and the repeat rate is increased to provide more interrupts for the same
distance traveled relative to a slower slide. Second, additional interrupts are generated immediately
after the slide ends to further increase the change in volume. The number of additional interrupts is
based on slide speed; both of these dynamic slider behaviors are controlled by the Slider Velocity
Register.
5.6
Ungrouped Sensor Behavior
The CAP1114 Grouped sensors have the option to be used as individual buttons. When the group is
broken (via the VOL_UP_DOWN bit - see Section 6.33), buttons CS8 and CS14 will adopt one type
of behavior while buttons CS9 - CS13 will adopt another. In all cases, a slide will not be detected.
5.6.1
CS9 - CS13 Ungrouped Behavior
These buttons will cause the corresponding status bit in the Button Status 2 register (see Section 6.2)
to be asserted when a touch is detected. This touch detection uses the button queue and button repeat
rate settings. They will use the slider maximum duration and multiple touch settings.
5.6.2
CS8 and CS14 Ungrouped Behavior
CS8 and CS14 will generate interrupts based on the duration of the touch detected, similar to a Tap
and Press and Hold events. Furthermore, these sensors will generate interrupts at the Grouped
Sensors repeat rate based on whether a Tap or Press and Hold event has been detected.
If a touch is detected on CS8, the DOWN status bit will be set in addition to either TAP or PH.
If a touch is detected on CS14, the UP status bit will be set in addition to either TAP or PH.
Based on the multiple button touch settings (see Section 6.23), both CS8 and CS14 may detect a
touch simultaneously and both UP and DOWN status bits may be set.
5.7
ALERT Pin
The ALERT pin is an active high output that is driven high when an interrupt event is detected. It is
also used to wake the device from Deep Sleep state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com