Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1114 Datasheet(PDF) 84 Page - Microchip Technology

Part # CAP1114
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1114 Datasheet(HTML) 84 Page - Microchip Technology

Back Button CAP1114 Datasheet HTML 80Page - Microchip Technology CAP1114 Datasheet HTML 81Page - Microchip Technology CAP1114 Datasheet HTML 82Page - Microchip Technology CAP1114 Datasheet HTML 83Page - Microchip Technology CAP1114 Datasheet HTML 84Page - Microchip Technology CAP1114 Datasheet HTML 85Page - Microchip Technology CAP1114 Datasheet HTML 86Page - Microchip Technology CAP1114 Datasheet HTML 87Page - Microchip Technology CAP1114 Datasheet HTML 88Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 102 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
Revision 1.1 (02-04-11)
84
SMSC CAP1114
DATASHEET
Bit 1 - CS2_LED2 - Links the LED2 output to a detected touch on the CS2 sensor. When a touch is
detected, the LED is actuated and will behave as determined by the LED Behavior controls.
Bit 0 - CS1_LED1 - Links the LED1 output to a detected touch on the CS1 sensor. When a touch is
detected, the LED is actuated and will behave as determined by the LED Behavior controls.
6.48
LED Behavior Registers
The LED Behavior Registers control the operation of LEDs. Each LEDx / GPIOx pin is controlled by a
2-bit field. If the LEDx / GPIOx pin is configured as an input, these bits are ignored.
If the corresponding LED output is linked to a Capacitive Touch Sensor, the appropriate behavior will
be enabled / disabled based on touches and releases.
If the LED output is not associated with a Capacitive Touch Sensor, the appropriate behavior will be
enabled / disabled by the LED Output Control register. If the respective LEDx_DR bit is set to a logic
‘1’, this will be associated as a “touch”, and if the LEDx_DR bit is set to a logic ‘0’, this will be
associated as a “release”.
Table 6.69 shows the behavior triggers. The defined behavior will activate when the Start Trigger is
met and will stop when the Stop Trigger is met. Note the behavior of the Breathe Hold and Pulse
Release option.
The LED Polarity Control register will determine the non actuated state of the LED outputs (see Section
6.44, "LED Polarity Registers").
APPLICATION NOTE: If an LED is not linked to a Capacitive Touch Sensor and is breathing (via the Breathe or
Pulse behaviors), it must be unactuated before any changes to behavior are processed.
APPLICATION NOTE: If an LED is not linked to the Capacitive Touch Sensor and configured to operate using Pulse
1 Behavior, the circuitry will only be actuated when the corresponding bit is set. It will not
check the bit condition until the Pulse 1 behavior is finished. The device will not remember
if the bit was cleared and reset while it was actuated.
APPLICATION NOTE: If an LED is actuated and it is switched from linked to a Capacitive Touch Sensor to unlinked
(or vice versa), the LED will respond to the new command source immediately if the behavior
was Direct or Breathe. For Pulse behaviors, it will complete the behavior already in progress.
For example, if a linked LED was actuated by a touch and the control is changed so that it
is unlinked, it will check the status of the corresponding LED Output Control bit. If that bit is
‘0’, the LED will behave as if a release was detected. LIkewise, if an unlinked LED was
actuated by the LED Output Control register and the control is changed so that it is linked
and no touch is detected, the LED will behave as if a release was detected.
6.48.1
LED Behavior 1 - 81h
Bits 7 - 6 - LED4_CTL[1:0] - Determines the behavior of LED4 / GPIO4 when configured to operate
as an LED output.
Table 6.68 LED Behavior Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
81h
R/W
LED Behavior 1
LED4_CTL[1:0]
LED3_CTL[1:0]
LED2_CTL[1:0]
LED1_CTL[1:0]
00h
82h
R/W
LED Behavior 2
LED8_CTL[1:0]
LED7_CTL[1:0]
LED6_CTL[1:0]
LED5_CTL[1:0]
00h
83h
R/W
LED Behavior 3
LED11_ALT [1:0]
LED11_CTL [1:0]
LED10_CTL [1:0]
LED9_CTL[1:0]
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com