Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1114 Datasheet(PDF) 55 Page - Microchip Technology

Part # CAP1114
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1114 Datasheet(HTML) 55 Page - Microchip Technology

Back Button CAP1114 Datasheet HTML 51Page - Microchip Technology CAP1114 Datasheet HTML 52Page - Microchip Technology CAP1114 Datasheet HTML 53Page - Microchip Technology CAP1114 Datasheet HTML 54Page - Microchip Technology CAP1114 Datasheet HTML 55Page - Microchip Technology CAP1114 Datasheet HTML 56Page - Microchip Technology CAP1114 Datasheet HTML 57Page - Microchip Technology CAP1114 Datasheet HTML 58Page - Microchip Technology CAP1114 Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 102 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
SMSC CAP1114
55
Revision 1.1 (02-04-11)
DATASHEET
effect on whether a slide is detected within the group. If a slide is detected before or after the press
has been confirmed, it is treated as a separate event.
This is the maximum amount of time that a sensor in the Group can detect a button press to
differentiate between a tap and a press and hold. If a sensor detects a touch for less than or equal to
the M_PRESS[3:0] settings, a Tap event is detected.
The resolution is 35ms the range is from 35ms to 560ms as shown in Table 6.25.
6.18
Group Configuration Register 2
The Group Configuration 2 Register controls timings associated with the Capacitive Sensor channels
8 - 14 that are included in the group.
Table 6.25 M_PRESS Bit Decode
M_PRESS[3:0]
M_PRESS TIME
32
1
0
0
0
0
0
35ms
0
0
0
1
70ms
0
0
1
0
105ms
0
0
1
1
140ms
0
1
0
0
175ms
0
1
0
1
210ms
0
1
1
0
245ms
01
1
1
280ms
(default)
1
0
0
0
315ms
1
0
0
1
350ms
1
0
1
0
385ms
1
0
1
1
420ms
1
1
0
0
455ms
1
1
0
1
490ms
1
1
1
0
525ms
1
1
1
1
560ms
Table 6.26 Group Configuration Register 2
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
24h
R/W
Group
Configuration 2
MAX_DUR_G[3:0]
RPT_RATE_SL[3:0]
D4h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com