Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1114 Datasheet(PDF) 48 Page - Microchip Technology

Part # CAP1114
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1114 Datasheet(HTML) 48 Page - Microchip Technology

Back Button CAP1114 Datasheet HTML 44Page - Microchip Technology CAP1114 Datasheet HTML 45Page - Microchip Technology CAP1114 Datasheet HTML 46Page - Microchip Technology CAP1114 Datasheet HTML 47Page - Microchip Technology CAP1114 Datasheet HTML 48Page - Microchip Technology CAP1114 Datasheet HTML 49Page - Microchip Technology CAP1114 Datasheet HTML 50Page - Microchip Technology CAP1114 Datasheet HTML 51Page - Microchip Technology CAP1114 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 102 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
Revision 1.1 (02-04-11)
48
SMSC CAP1114
DATASHEET
The Sensor Delta Count Registers store the delta count that is compared against the threshold used
to determine if a touch has been detected. The count value represents a change in input due to the
capacitance associated with a touch on one of the sensors and is referenced to a calibrated base “Not
touched” count value. The delta is an instantaneous change and is updated once per sensor per
sensing cycle (see Section 5.4.4 - sensor cycle).
The value presented is a standard 2’s complement number. In addition, the value is capped at a value
of 7Fh. A reading of 7Fh indicates that the sensitivity settings are too high and should be adjusted
accordingly (see Section 6.13).
The value is also capped at a negative value of FFh for negative delta counts which may result upon
a release.
6.12
Queue Control Register
12h
R
Sensor 3 Delta
Count
Sign
64
32
16
8
4
2
1
00h
13h
R
Sensor 4 Delta
Count
Sign
64
32
16
8
4
2
1
00h
14h
R
Sensor 5 Delta
Count
Sign
64
32
16
8
4
2
1
00h
15h
R
Sensor 6 Delta
Count
Sign
64
32
16
8
4
2
1
00h
16h
R
Sensor 7 Delta
Count
Sign
64
32
16
8
4
2
1
00h
17h
R
Sensor 8 Delta
Count
Sign
64
32
16
8
4
2
1
00h
18h
R
Sensor 9 Delta
Count
Sign
64
32
16
8
4
2
1
00h
19h
R
Sensor 10
Delta Count
Sign
64
32
16
8
4
2
1
00h
1Ah
R
Sensor 11
Delta Count
Sign
64
32
16
8
4
2
1
00h
1Bh
R
Sensor 12
Delta Count
Sign
64
32
16
8
4
2
1
00h
1Ch
R
Sensor 13
Delta Count
Sign
64
32
16
8
4
2
1
00h
1Dh
R
Sensor 14
Delta Count
Sign
64
32
16
8
4
2
1
00h
Table 6.14 Queue Control Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
1Eh
R/W
Button Queue
Control
-----
QUEUE_B[2:0]
03h
Table 6.13 Sensor Delta Count Registers (continued)
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com