Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1114 Datasheet(PDF) 88 Page - Microchip Technology

Part # CAP1114
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1114 Datasheet(HTML) 88 Page - Microchip Technology

Back Button CAP1114 Datasheet HTML 84Page - Microchip Technology CAP1114 Datasheet HTML 85Page - Microchip Technology CAP1114 Datasheet HTML 86Page - Microchip Technology CAP1114 Datasheet HTML 87Page - Microchip Technology CAP1114 Datasheet HTML 88Page - Microchip Technology CAP1114 Datasheet HTML 89Page - Microchip Technology CAP1114 Datasheet HTML 90Page - Microchip Technology CAP1114 Datasheet HTML 91Page - Microchip Technology CAP1114 Datasheet HTML 92Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 102 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
Revision 1.1 (02-04-11)
88
SMSC CAP1114
DATASHEET
6.50
LED Pulse 2 Period Register
The LED Pulse 2 Period Register determines the overall period of a pulse operation as determined by
the LED_CTL registers (see Table 6.69 - setting 10b). Each LSB represents 32ms so that a setting of
14h (20d) would represent a period of 640ms. The total range is from 32ms to 4.06 seconds (see
Table 6.71).
The number of pulses is programmable as determined by the PULSE2_CNT bits (see Section 6.52).
The Pulse 2 Behavior is shown in Figure 6.3 (non-inverted polarity LEDx_POL = 1) and Figure 6.4
(inverted polarity LEDx_POL = 0).
. . .
. . .
. . .
7Ch
124
3,968
7Dh
125
4,000
7Eh
126
4,032
7Fh
127
4.064
Table 6.72 LED Pulse 2 Period Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
85h
R/W
LED Pulse 2
Period
-
P2_
PER6
P2_
PER5
P2_
PER4
P2_
PER3
P2_
PER2
P2_
PER1
P2_
PER0
14h
Figure 6.3 Pulse 2 Behavior with Non-Inverted Polarity
Table 6.71 LED Pulse / Breathe Period Example (continued)
SETTING
(HEX)
SETTING (DECIMAL)
TOTAL PULSE / BREATHE PERIOD
(ms)
. . .
Normal –
untouched
operation
Normal –
untouched
operation
Touch Detected
(100% - Pulse 2 Min Duty Cycle) *
Brightness
(100% - Pulse 2 Max Duty Cycle) * Brightness
X - 1 additional pulses after release
Release Detected
Pulse
Period
(P2_PER)
LED
Brightness



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com