Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1114 Datasheet(PDF) 61 Page - Microchip Technology

Part # CAP1114
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1114 Datasheet(HTML) 61 Page - Microchip Technology

Back Button CAP1114 Datasheet HTML 57Page - Microchip Technology CAP1114 Datasheet HTML 58Page - Microchip Technology CAP1114 Datasheet HTML 59Page - Microchip Technology CAP1114 Datasheet HTML 60Page - Microchip Technology CAP1114 Datasheet HTML 61Page - Microchip Technology CAP1114 Datasheet HTML 62Page - Microchip Technology CAP1114 Datasheet HTML 63Page - Microchip Technology CAP1114 Datasheet HTML 64Page - Microchip Technology CAP1114 Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 102 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
SMSC CAP1114
61
Revision 1.1 (02-04-11)
DATASHEET
6.24
Lid Closure Configuration Register
The Lid Closure Configuration Register controls the settings for the lid closure detection circuitry.
Bit 7 - LID_CLOSE - Enables the lid closure circuitry.
‘0’ (default) - The lid closure circuitry is disabled.
‘1’ The lid closure circuitry is enabled. The device will use the Lid Closure Status registers in
combination with the Lid Closure Pattern register settings to determine when a Lid Closure Event
is flagged. In addition, the Noise Status bits are associated with lid closure.
Bit 1 - COMP_PTRN - Determines how the Lid Closure Status registers are compared against the Lid
Closure Pattern registers. See Section 6.26 for details on how the Lid Closure Pattern registers are
used.
‘0’ (default) - The Lid Closure Status registers are not compared directly against the Lid Closure
Pattern registers. Instead, the number of bits in the Lid Closure Status registers is compared to the
number of bits in the Lid Closure Pattern registers to determine whether a Lid Closure Event is
flagged.
‘1’ - The Lid Closure Status registers are compared directly against the Lid Closure Pattern
registers. If the bits set in the Lid Closure Pattern are also set in the Lid Status registers, a Lid
Closure Event is flagged.
Bit 0 - LID_ALRT - Enables an interrupt if a Lid Closure Event occurs.
‘0’ (default) - If a Lid Closure Event occurs, the ALERT pin is not asserted.
‘1’ - If a Lid Closure Event occurs, the ALERT pin will be asserted.
6.25
Lid Closure Queue Control Register
The Lid Closure Queue Control Register determines the number of consecutive samples for which a
single sensor output is above the Lid Closure Threshold before it is flagged.
A value of 0000b is decoded as 1.
1
0
4 (default)
11
1
Table 6.34 Lid Closure Configuration Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
2Bh
R/W
Lid Closure
Config
LID_
CLOSE
-----
COMP_
PTRN
LID_
ALRT
00h
Table 6.35 Lid Closure Queue Control Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
2Ch
R/W
Lid Closure
Queue Control
-
-
-
-
-
QUEUE_L_B[2:0]
02h
Table 6.33 G_MULT_T Bit Decode (continued)
G_MULT_T[1:0]
NUMBER OF SIMULTANEOUS
TOUCHES
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com