Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 282 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 282 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 278Page - Microchip Technology LAN9250 Datasheet HTML 279Page - Microchip Technology LAN9250 Datasheet HTML 280Page - Microchip Technology LAN9250 Datasheet HTML 281Page - Microchip Technology LAN9250 Datasheet HTML 282Page - Microchip Technology LAN9250 Datasheet HTML 283Page - Microchip Technology LAN9250 Datasheet HTML 284Page - Microchip Technology LAN9250 Datasheet HTML 285Page - Microchip Technology LAN9250 Datasheet HTML 286Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 421 page
background image
LAN9250
DS00001913A-page 282
 2015 Microchip Technology Inc.
13.0
I2C MASTER EEPROM CONTROLLER
13.1
Functional Overview
This chapter details the EEPROM I2C master and EEPROM Loader provided by the device. The I2C EEPROM controller
is an I2C master module which interfaces an optional external EEPROM with the system register bus and the EEPROM
Loader. Multiple sizes of external EEPROMs are supported. Configuration of the EEPROM size is accomplished via the
eeprom_size_strap configuration strap. Various commands are supported for EEPROM access, allowing for the storage
and retrieval of static data. The I2C interface conforms to the NXP I2C-Bus Specification.
The EEPROM Loader provides the automatic loading of configuration settings from the EEPROM into the device at
reset. The EEPROM Loader module interfaces to the EEPROM Controller, Ethernet PHYs and the system CSRs.
13.2
I2C Overview
I2C is a bi-directional 2-wire data protocol. A device that sends data is defined as a transmitter and a device that receives
data is defined as a receiver. The bus is controlled by a master which generates the EESCL clock, controls bus access
and generates the start and stop conditions. Either a master or slave may operate as a transmitter or receiver as deter-
mined by the master.
Both the clock (EESCL) and data (EESDA) signals have digital input filters that reject pulses that are less than 100 ns.
The data pin is driven low when either interface sends a low, emulating the wired-AND function of the I2C bus.
The following bus states exist:
• Idle: Both EESDA and EESCL are high when the bus is idle.
• Start & Stop Conditions: A start condition is defined as a high to low transition on the EESDA line while EESCL
is high. A stop condition is defined as a low to high transition on the EESDA line while EESCL is high. The bus is
considered to be busy following a start condition and is considered free 4.7 µs/1.3 µs (for 100 kHz and 400 kHz
operation, respectively) following a stop condition. The bus stays busy following a repeated start condition
(instead of a stop condition). Starts and repeated starts are otherwise functionally equivalent.
• Data Valid: Data is valid, following the start condition, when EESDA is stable while EESCL is high. Data can only
be changed while the clock is low. There is one valid bit per clock pulse. Every byte must be 8 bits long and is
transmitted MSB first.
• Acknowledge: Each byte of data is followed by an acknowledge bit. The master generates a ninth clock pulse for
the acknowledge bit. The transmitter releases EESDA (high). The receiver drives EESDA low so that it remains
valid during the high period of the clock, taking into account the setup and hold times. The receiver may be the
master or the slave depending on the direction of the data. Typically the receiver acknowledges each byte. If the
master is the receiver, it does not generate an acknowledge on the last byte of a transfer. This informs the slave to
not drive the next byte of data so that the master may generate a stop or repeated start condition.
Figure 13-1 displays the various bus states of a typical I2C cycle.
FIGURE 13-1:
I2C CYCLE
EESDA
EESCL
S
Start Condition
P
Stop Condition
Data Valid
or Ack
Data Valid
or Ack
data
stable
data
can
change
data
stable
data
can
change
Sr
Re-Start
Condition
data
can
change
data
can
change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com