Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 285 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 285 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 281Page - Microchip Technology LAN9250 Datasheet HTML 282Page - Microchip Technology LAN9250 Datasheet HTML 283Page - Microchip Technology LAN9250 Datasheet HTML 284Page - Microchip Technology LAN9250 Datasheet HTML 285Page - Microchip Technology LAN9250 Datasheet HTML 286Page - Microchip Technology LAN9250 Datasheet HTML 287Page - Microchip Technology LAN9250 Datasheet HTML 288Page - Microchip Technology LAN9250 Datasheet HTML 289Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 285
LAN9250
Figure 13-3 illustrates a typical I2C EEPROM addressing bit order for single and double byte addressing.
13.3.2
I2C EEPROM BYTE READ
Following the device addressing, a data byte may be read from the EEPROM by outputting a start condition and control
byte with a control code of 1010b, chip/block select bits as described in Section 13.3.1 and the R/~W bit high. The
EEPROM will respond with an acknowledge, followed by 8 bits of data. If the EEPROM slave fails to send an acknowl-
edge, then the sequence is aborted (a start condition and a stop condition are sent) and the EEPROM Controller Tim-
eout (EPC_TIMEOUT) bit in the EEPROM Command Register (E2P_CMD) is set. The I2C master then sends a no-
acknowledge, followed by a stop condition.
Figure 13-4 illustrates a typical I2C EEPROM byte read for single and double byte addressing.
For a register level description of a read operation, refer to Section 13.3.7, "I2C Master EEPROM Controller Operation,"
on page 288.
13.3.3
I2C EEPROM SEQUENTIAL BYTE READS
Following the device addressing, data bytes may be read sequentially from the EEPROM by outputting a start condition
and control byte with a control code of 1010b, chip/block select bits as described in Section 13.3.1 and the R/~W bit
high. The EEPROM will respond with an acknowledge, followed by 8 bits of data. If the EEPROM slave fails to send an
acknowledge, then the sequence is aborted (a start condition and a stop condition are sent) and the EEPROM Controller
Timeout (EPC_TIMEOUT) bit in the EEPROM Command Register (E2P_CMD) is set. The I2C master then sends an
acknowledge and the EEPROM responds with the next 8 bits of data. This continues until the last desired byte is read,
at which point the I2C master sends a no-acknowledge (instead of the acknowledge), followed by a stop condition.
FIGURE 13-3:
I2C EEPROM ADDRESSING
FIGURE 13-4:
I2C EEPROM BYTE READ
S 1 0 1 0
A
1
0
A
9
A
8
0
R/~W
Control Byte
A
7
A
6
A
5
A
4
A
3
A
2
A
1
A
0
A
C
K
A
C
K
Chip / Block
Select Bits
S 1 0 1 0
0
Control Byte
A
C
K
A
C
K
Single Byte Addressing
Double Byte Addressing
A
7
A
6
A
5
A
4
A
3
A
2
A
1
A
0
A
C
K
Address Byte
Address Low
Byte
Address High
Byte
A
9
A
8
0 0 0
A
1
5
A
1
4
A
1
3
A
1
2
A
1
1
A
1
0
R/~W
Chip / Block
Select Bits
S 1 0 1 0
A
1
0
A
9
A
8
Control Byte
A
C
K
S 1 0 1 0
Control Byte
A
C
K
Single Byte Addressing Read
Double Byte Addressing Read
0 0 0
1
Data Byte
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
A
C
K
P
1
Data Byte
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
A
C
K
P
A
C
K
A
C
K
R/~W
Chip / Block
Select Bits
R/~W
Chip / Block
Select Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com