Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 283 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 283 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 279Page - Microchip Technology LAN9250 Datasheet HTML 280Page - Microchip Technology LAN9250 Datasheet HTML 281Page - Microchip Technology LAN9250 Datasheet HTML 282Page - Microchip Technology LAN9250 Datasheet HTML 283Page - Microchip Technology LAN9250 Datasheet HTML 284Page - Microchip Technology LAN9250 Datasheet HTML 285Page - Microchip Technology LAN9250 Datasheet HTML 286Page - Microchip Technology LAN9250 Datasheet HTML 287Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 283
LAN9250
13.3
I2C Master EEPROM Controller
The I2C EEPROM controller supports I2C compatible EEPROMs.
Note:
When the EEPROM Loader is running, it has exclusive use of the I2C EEPROM controller. Refer to Section
13.4, "EEPROM Loader" for more information.
The I2C master implements a low level serial interface (start and stop condition generation, data bit transmission and
reception, acknowledge generation and reception) for connection to I2C EEPROMs and consists of a data wire (EESDA)
and a serial clock (EESCL). The serial clock is driven by the master, while the data wire is bi-directional. Both signals
are open-drain and require external pull-up resistors.
The I2C master interface runs at the standard-mode rate of 100 kHz. I2C master interface timing information is detailed
in Figure 13-2 and Table 13-1.
FIGURE 13-2:
I2C MASTER TIMING
TABLE 13-1:
I2C MASTER TIMING VALUES
Symbol
Description
Min
Typ
Max
Units
fscl
EESCL clock frequency
100
kHz
thigh
EESCL high time
4.0
s
tlow
EESCL low time
4.7
s
tr
Rise time of EESDA and EESCL
1000
ns
tf
Fall time of EESDA and EESCL
300
ns
tsu;sta
Setup time (provided to slave) of EESCL high
before EESDA output falling for repeated start con-
dition
5.2
Note 1
s
thd;sta
Hold time (provided to slave) of EESCL after
EESDA output falling for start or repeated start con-
dition
4.5
Note 1
s
tsu;dat;in
Setup time (from slave) EESDA input before
EESCL rising
200
Note 2
ns
thd;dat;in
Hold time (from slave) of EESDA input after EESCL
falling
0ns
tsu;dat;out
Setup time (provided to slave) EESDA output
before EESCL rising
1250
Note 3
ns
EESDA
(out)
EESCL
S
P
Sr
S
tf
tr
thd;sta
thd;dat;in
tsu;dat;in
tsu;sta
tsu;sto
tbuf
tsp
EESDA
(in)
thigh
tlow
thd;dat;out
tsp
tsp
tsu;dat;out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com