Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 284 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 284 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 280Page - Microchip Technology LAN9250 Datasheet HTML 281Page - Microchip Technology LAN9250 Datasheet HTML 282Page - Microchip Technology LAN9250 Datasheet HTML 283Page - Microchip Technology LAN9250 Datasheet HTML 284Page - Microchip Technology LAN9250 Datasheet HTML 285Page - Microchip Technology LAN9250 Datasheet HTML 286Page - Microchip Technology LAN9250 Datasheet HTML 287Page - Microchip Technology LAN9250 Datasheet HTML 288Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 421 page
background image
LAN9250
DS00001913A-page 284
 2015 Microchip Technology Inc.
Note 1:
These values provide 500 ns of margin compared to the I2C specification.
Note 2:
This value provides 50 ns of margin compared to the I2C specification.
Note 3:
These values provide 1000 ns of margin compared to the I2C specification.
Based on the eeprom_size_strap configuration strap, various sized I2C EEPROMs are supported. The varying size
ranges are supported by additional bits in the EEPROM Controller Address (EPC_ADDRESS) field of the EEPROM
Command Register (E2P_CMD). Within each size range, the largest EEPROM uses all the address bits, while the
smaller EEPROMs treat the upper address bits as don’t cares. The EEPROM controller drives all the address bits as
requested regardless of the actual size of the EEPROM. The supported size ranges for I2C operation are shown in
Table 13-2.
Note 4:
Bits in the control byte are used as the upper address bits.
13.3.1
I2C EEPROM DEVICE ADDRESSING
The I2C EEPROM is addressed for a read or write operation by first sending a control byte followed by the address byte
or bytes. The control byte is preceded by a start condition. The control byte and address byte(s) are each acknowledged
by the EEPROM slave. If the EEPROM slave fails to send an acknowledge, then the sequence is aborted (a start con-
dition and a stop condition are sent) and the EEPROM Controller Timeout (EPC_TIMEOUT) bit of the EEPROM Com-
mand Register (E2P_CMD) is set.
The control byte consists of a 4 bit control code, 3 bits of chip/block select and one direction bit. The control code is
1010b. For single byte addressing EEPROMs, the chip/block select bits are used for address bits 10, 9 and 8. For double
byte addressing EEPROMs, the chip/block select bits are set low. The direction bit is set low to indicate the address is
being written.
thd;dat;out
Hold time (provided to slave) of EESDA output after
EESCL falling
1000
Note 3
ns
tsu;sto
Setup time (provided to slave) of EESCL high
before EESDA output rising for stop condition
4.5
Note 1
s
tbuf
Bus free time
4.7
s
tsp
Input spike suppression on EESCL and EESDA
100
ns
TABLE 13-2:
I2C EEPROM SIZE RANGES
eeprom_size_strap
# of Address Bytes
EEPROM Size
EEPROM Types
01 (Note 4)
128 x 8 through 2048 x 8
24xx01, 24xx02, 24xx04,
24xx08, 24xx16
1
2
4096 x 8 through 65536 x 8
24xx32, 24xx64, 24xx128,
24xx256, 24xx512
TABLE 13-1:
I2C MASTER TIMING VALUES (CONTINUED)
Symbol
Description
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com