Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 147 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 147 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 143Page - Microchip Technology LAN9250 Datasheet HTML 144Page - Microchip Technology LAN9250 Datasheet HTML 145Page - Microchip Technology LAN9250 Datasheet HTML 146Page - Microchip Technology LAN9250 Datasheet HTML 147Page - Microchip Technology LAN9250 Datasheet HTML 148Page - Microchip Technology LAN9250 Datasheet HTML 149Page - Microchip Technology LAN9250 Datasheet HTML 150Page - Microchip Technology LAN9250 Datasheet HTML 151Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 147
LAN9250
The Filter i Byte Mask defines which incoming frame bytes Filter i will examine to determine whether or not this is a
Wakeup Frame. Table 11-3, describes the byte mask’s bit fields.
Filter x Mask 0 corresponds to bits [31:0]. Where the lsb corresponds to the first byte on the wire.
Filter x Mask 1 corresponds to bits [63:32]. Where the lsb corresponds to the first byte on the wire.
Filter x Mask 2 corresponds to bits [95:64]. Where the lsb corresponds to the first byte on the wire.
Filter x Mask 3 corresponds to bits [127:96]. Where the lsb corresponds to the first byte on the wire.
The following tables define elements common to both WUFF register structures.
The Filter i command register controls Filter i operation. Table 11-4 shows the Filter I command register.
The Filter i Offset register defines the offset in the frame’s destination address field from which the frames are examined
by Filter i. Table 11-5 describes the Filter i Offset bit fields.
Filter 5 CRC-16
Filter 4 CRC-16
Filter 7 CRC-16
Filter 6 CRC-16
TABLE 11-3:
FILTER I BYTE MASK BIT DEFINITIONS
Filter i Byte Mask Description
Bits
Description
127:0
Byte Mask:
If bit j of the byte mask is set, the CRC machine processes byte pattern-offset + j of the
incoming frame. Otherwise, byte pattern-offset + j is ignored.
TABLE 11-4:
FILTER I COMMAND BIT DEFINITIONS
Filter i Commands
Bits
Description
3:2
Address Type:
Defines the destination address type of the pattern.
00 = Pattern applies only to unicast frames.
10 = Pattern applies only to multicast frames.
X1 = Pattern applies to all frames that have passed the regular receive filter.
1
RESERVED
0
Enable Filter:
When bit is set, Filter i is enabled, otherwise, Filter i is disabled.
TABLE 11-2:
WAKEUP FRAME FILTER REGISTER STRUCTURE (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com