Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 149 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 149 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 145Page - Microchip Technology LAN9250 Datasheet HTML 146Page - Microchip Technology LAN9250 Datasheet HTML 147Page - Microchip Technology LAN9250 Datasheet HTML 148Page - Microchip Technology LAN9250 Datasheet HTML 149Page - Microchip Technology LAN9250 Datasheet HTML 150Page - Microchip Technology LAN9250 Datasheet HTML 151Page - Microchip Technology LAN9250 Datasheet HTML 152Page - Microchip Technology LAN9250 Datasheet HTML 153Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 149
LAN9250
CRC[2] = F5 ^ F7
CRC[1] = F6
CRC[0] = F7
Table 11-7 indicates the cases that produce a wake when the Wake-Up Frame Enable (WUEN) bit of the Host MAC
Wake-up Control and Status Register (HMAC_WUCSR) is set. All other cases do not generate a wake.
Note 1:
As determined by bit 0 of Filter i Command.
Note 2:
CRC matches Filter i CRC-16 field.
Note 3:
As determined by bit 9 of WUCSR.
Note 4:
As determined by bits 3:2 of Filter i Command.
Note 5:
When wake-up frame detection is enabled via the Wake-Up Frame Enable (WUEN) bit of the Host MAC
Wake-up Control and Status Register (HMAC_WUCSR), a broadcast wake-up frame will wake-up the
device despite the state of the Disable Broadcast Frames (BCAST) bit in the Host MAC Control Register
(HMAC_CR).
Note:
x indicates “don’t care”.
TABLE 11-6:
FILTER I CRC-16 BIT DEFINITIONS
Filter i CRC-16 Description
Bits
Description
15:0
Pattern CRC-16:
This field contains the 16-bit CRC value from the pattern and the byte mask pro-
grammed to the Wakeup Filter register function. This value is compared against the CRC calculated
on the incoming frame, and a match indicates the reception of a Wakeup Frame.
TABLE 11-7:
WAKEUP GENERATION CASES
Filter
Enabled
(Note 1)
Frame
Type
CRC
Match
(Note 2)
Global
Unicast
Enabled
(Note 3)
Pass
Regular
Receive
Filter
Address
Type
(Note 4)
Yes
Unicast
Yes
Yes
x
x
Yes
Unicast
Yes
x
Yes
Unicast
(=00)
Yes
Multicast
Yes
x
Yes
Multicast
(=10)
Yes
Broadcast
(Note 5)
Yes
xxx
YesxYesxYes
Passed
Receive
Filter
(=x1b)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com