Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 153 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 153 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 149Page - Microchip Technology LAN9250 Datasheet HTML 150Page - Microchip Technology LAN9250 Datasheet HTML 151Page - Microchip Technology LAN9250 Datasheet HTML 152Page - Microchip Technology LAN9250 Datasheet HTML 153Page - Microchip Technology LAN9250 Datasheet HTML 154Page - Microchip Technology LAN9250 Datasheet HTML 155Page - Microchip Technology LAN9250 Datasheet HTML 156Page - Microchip Technology LAN9250 Datasheet HTML 157Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 153
LAN9250
Note:
When the RXCOE is enabled, automatic pad stripping must be disabled (Automatic Pad Stripping (PAD-
STR) bit of the Host MAC Control Register (HMAC_CR)) and vice versa. These functions cannot be enabled
simultaneously.
11.7.1
RX CHECKSUM CALCULATION
The checksum is calculated 16 bits at a time. In the case of an odd sized frame, an extra byte of zero is used to pad up
to 16 bits.
Consider the following packet: DA, SA, Type, B0, B1, B2 … BN, FCS
Let [A, B] = A*256 + B;
If the packet has an even number of octets then
checksum = [B1, B0] + C0 + [B3, B2] + C1 + … + [BN, BN-1] + CN-1
Where C0, C1, ... CN-1 are the carry out results of the intermediate sums.
If the packet has an odd number of octets then
checksum = [B1, B0] + C0 + [B3, B2] + C1 + … + [0, BN] + CN-1
11.8
Transmit Checksum Offload Engine (TXCOE)
The transmit checksum offload engine provides assistance to the CPU by calculating a 16-bit checksum, typically for
TCP, for a transmit Ethernet frame. The TXCOE calculates the checksum and inserts the results back into the data
stream as it is transferred to the MAC.
To activate the TXCOE and perform a checksum calculation, the Host must first set the TX Checksum Offload Engine
Enable (TX_COE_EN) bit in the Host MAC Checksum Offload Engine Control Register (HMAC_COE_CR). The Host
then pre-pends a 3 DWORD buffer to the data that will be transmitted. The prepended buffer includes a TX Command
A, TX Command B, and a 32-bit TX checksum preamble (refer to Table 11-8). When the CK bit of the TX Command ‘B’
is set in conjunction with the FS bit of TX Command ‘A’ and the TX Checksum Offload Engine Enable (TX_COE_EN)
bit of the Host MAC Checksum Offload Engine Control Register (HMAC_COE_CR) register, the TXCOE will perform a
checksum calculation on the associated packet. The TX checksum preamble instructs the TXCOE on the handling of
the associated packet. The TXCSSP - TX Checksum Start Pointer field of the TX checksum preamble defines the byte
offset at which the data checksum calculation will begin. The checksum calculation will begin at this offset and will con-
tinue until the end of the packet. The data checksum calculation must not begin in the MAC header (first 14 bytes) or in
the last 4 bytes of the TX packet. When the calculation is complete, the checksum will be inserted into the packet at the
byte offset defined by the TXCSLOC - TX Checksum Location field of the TX checksum preamble. The TX checksum
cannot be inserted in the MAC header (first 14 bytes) or in the last 4 bytes of the TX packet. If the CK bit is not set in
the first TX Command ‘B’ of a packet, the packet is passed directly through the TXCOE without modification, regardless
if the TXCOE_EN is set. An example of a TX packet with a prepended TX checksum preamble can be found in Section
11.11.6.3, "TX Example 3". In this example, the Host provides the Ethernet frame to the Ethernet controller in four frag-
ments, the first containing the TX Checksum Preamble. Figure 11-8 shows how these fragments are loaded into the TX
Data FIFO. For more information on the TX Command ‘A’ and TX Command ‘B’, refer to Section 11.11.2, "TX Command
Format," on page 161.
If the TX packet already includes a partial checksum calculation (perhaps inserted by an upper layer protocol), this
checksum can be included in the hardware checksum calculation by setting the TXCSSP field in the TX checksum pre-
amble to include the partial checksum. The partial checksum can be replaced by the completed checksum calculation
by setting the TXCSLOC pointer to point to the location of the partial checksum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com