Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 154 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 154 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 150Page - Microchip Technology LAN9250 Datasheet HTML 151Page - Microchip Technology LAN9250 Datasheet HTML 152Page - Microchip Technology LAN9250 Datasheet HTML 153Page - Microchip Technology LAN9250 Datasheet HTML 154Page - Microchip Technology LAN9250 Datasheet HTML 155Page - Microchip Technology LAN9250 Datasheet HTML 156Page - Microchip Technology LAN9250 Datasheet HTML 157Page - Microchip Technology LAN9250 Datasheet HTML 158Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 421 page
background image
LAN9250
DS00001913A-page 154
 2015 Microchip Technology Inc.
Note:
When the TXCOE is enabled, the third DWORD of the prepended packet is not transmitted. However, 4
bytes must be added to the packet length field in TX Command B.
Note:
Software applications must stop the transmitter and flush the TX data path before changing the state of the
TXCOE_EN bit. However, the CK bit of TX Command B can be set or cleared on a per-packet basis.
Note:
The TXCOE_MODE may only be changed if the TX path is disabled. If it is desired to change this value
during run time, it is safe to do so only after the TX Ethernet path is disabled and the TLI is empty.
Note:
The TX checksum preamble must be DWORD-aligned.
Note:
TX preamble size is accounted for in both the buffer length and packet length.
Note:
The first buffer, which contains the TX preamble, may not contain any Ethernet frame data
Figure 11-8 illustrates the use of a prepended checksum preamble when transmitting an Ethernet frame consisting of 3
payload buffers.
TABLE 11-8:
TX CHECKSUM PREAMBLE
Field
Description
31
TXCSUDP - TX Checksum UDP Frame
This bit specifies if a checksum result of 0x0000 should be changed to 0xFFFF.
30:28
RESERVED
27:16
TXCSLOC - TX Checksum Location
This field specifies the byte offset where the TX checksum will be inserted in the TX packet. The
checksum will replace two bytes of data starting at this offset.
The TX checksum cannot be inserted in the MAC header (first 14 bytes) or in the last 4 bytes of the
TX packet.
15:12
RESERVED
11:0
TXCSSP - TX Checksum Start Pointer
This field indicates start offset, in bytes, where the checksum calculation will begin in the associated
TX packet.
The data checksum calculation must not begin in the MAC header (first 14 bytes) or in the last 4
bytes of the TX packet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com