Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 156 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 156 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 152Page - Microchip Technology LAN9250 Datasheet HTML 153Page - Microchip Technology LAN9250 Datasheet HTML 154Page - Microchip Technology LAN9250 Datasheet HTML 155Page - Microchip Technology LAN9250 Datasheet HTML 156Page - Microchip Technology LAN9250 Datasheet HTML 157Page - Microchip Technology LAN9250 Datasheet HTML 158Page - Microchip Technology LAN9250 Datasheet HTML 159Page - Microchip Technology LAN9250 Datasheet HTML 160Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 421 page
background image
LAN9250
DS00001913A-page 156
 2015 Microchip Technology Inc.
11.8.1
TX CHECKSUM CALCULATION
The TX checksum calculation is performed using the same operation as the RX checksum shown in Section 11.7.1, with
the exception that the calculation starts as indicated by the TX checksum preamble and the transmitted checksum is
the one’s-compliment of the calculated value.
UDP checksums are optional under IPv4, and a checksum value of zero indicates to the receiver that no checksum was
calculated. Under IPv6, however, according to RFC 2460, the UDP checksum is not optional. A calculated checksum
that yields a result of zero must be changed to FFFFh for insertion into the UDP header. IPv6 receivers discard UDP
packets containing a zero checksum. Bit 31 of the checksum preamble specifies if a result of 0x0000 should be changed
to 0xFFFF. This allows the choice of checksum usage for UDP and other purposes.
11.9
Host MAC Address
The Host MAC address is configured via the Host MAC Address Low Register (HMAC_ADDRL) and Host MAC Address
High Register (HMAC_ADDRH). These registers contain the 48-bit physical address of the Host MAC. The contents of
these registers may be loaded directly by the host, or optionally, by the EEPROM Loader from EEPROM at power-on
(if a programmed EEPROM is detected).
Table 11-9 below illustrates the byte ordering of the HMAC_ADDRL and HMAC_ADDRH registers with respect to the
reception of the Ethernet physical address. Also shown is the correlation between the EEPROM addresses and
HMAC_ADDRL and HMAC_ADDRH registers.
For example, if the desired Ethernet physical address is 12-34-56-78-9A-BC, the HMAC_ADDRL and HMAC_ADDRH
registers would be programmed as shown in Figure 11-9. The values required to automatically load this configuration
from the EEPROM are also shown.
Note:
By convention, the right nibble of the left most byte of the Ethernet address (in this example, the 2 of the
12h) is the most significant nibble and is transmitted/received first.
TABLE 11-9:
EEPROM BYTE ORDERING AND REGISTER CORRELATION
EEPROM Address
Register Locations Written
Order of Reception on Ethernet
01h
HMAC_ADDRL[7:0]
1st
02h
HMAC_ADDRL[15:8]
2nd
03h
HMAC_ADDRL[23:16]
3rd
04h
HMAC_ADDRL[31:24]
4th
05h
HMAC_ADDRH[7:0]
5th
06h
HMAC_ADDRH[15:8]
6th
FIGURE 11-9:
EXAMPLE EEPROM MAC ADDRESS SETUP
12h
0
7
34h
8
15
56h
16
23
78h
24
31
9Ah
BCh
xx
xx
A5h
12h
34h
56h
78h
9Ah
BCh
00h
01h
02h
03h
04h
05h
06h
EEPROM
HMAC_ADDRH
0
7
8
15
16
23
24
31
HMAC_ADDRL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com