Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 159 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 159 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 155Page - Microchip Technology LAN9250 Datasheet HTML 156Page - Microchip Technology LAN9250 Datasheet HTML 157Page - Microchip Technology LAN9250 Datasheet HTML 158Page - Microchip Technology LAN9250 Datasheet HTML 159Page - Microchip Technology LAN9250 Datasheet HTML 160Page - Microchip Technology LAN9250 Datasheet HTML 161Page - Microchip Technology LAN9250 Datasheet HTML 162Page - Microchip Technology LAN9250 Datasheet HTML 163Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 159
LAN9250
11.11 TX Data Path Operation
Data is queued for transmission by writing it into the TX Data FIFO. Each packet to be transmitted may be divided among
multiple buffers. Each buffer starts with a two DWORD TX command (TX command ‘A’ and TX command ‘B’). The TX
command instructs the device on the handling of the associated buffer. Packet boundaries are delineated using control
bits within the TX command.
The host provides a 16-bit Packet Tag field in the TX command. The Packet Tag value is appended to the corresponding
TX status DWORD. All Packet Tag fields must have the same value for all buffers in a given packet. If tags differ between
buffers in the same packet the TXE error will be asserted. Any value may be chosen for a Packet Tag as long as all tags
in the same Packet are identical. Packet Tags also provide a method of synchronization between transmitted packets
and their associated status. Software can use unique Packet Tags to assist with validating matching status completions.
Note:
The use of Packet Tags is not required by the hardware. This field can be used by the LAN software driver
for any application. Packet Tags is only one application example.
The Packet Length field in the TX command specifies the number of bytes in the associated packet. All Packet Length
fields must have the same value for all buffers in a given packet. Hardware compares the Packet Length field and the
actual amount of data received by the Ethernet controller. If the actual packet length count does not match the Packet
Length field as defined in the TX command, the Transmitter Error (TXE) flag is asserted.
The device can be programmed to start payload transmission of a buffer on a byte boundary by setting the “Data Start
Offset” field in the TX command. The “Data Start Offset” field points to the actual start of the payload data within the first
8 DWORDs of the buffer. Data before the “Data Start Offset” pointer will be ignored. When a packet is split into multiple
buffers, each successive buffer may begin on any arbitrary byte.
The device can be programmed to strip padding from the end of a transmit packet in the event that the end of the packet
does not align with the host burst boundary. This feature is necessary when the device is operating in a system that
always performs multi-word bursts. In such cases the device must guarantee that it can accept data in multiples of the
Burst length regardless of the actual packet length. When configured to do so, the device will accept extra data at the
end of the packet and will remove the extra padding before transmitting the packet. The device automatically removes
data up to the boundary specified in the Buffer End Alignment field specified in each TX command.
The host can instruct the device to issue an interrupt when the buffer has been fully loaded into the TX FIFO contained
in the device and transmitted. This feature is enabled through the TX command ‘Interrupt on Completion’ field.
Upon completion of transmission, irrespective of success or failure, the status of the transmission is written to the TX
Status FIFO. TX status is available to the host and may be read using PIO operations. An interrupt can be optionally
enabled by the host to indicate the availability of a programmable number TX status DWORDS.
Before writing the TX command and payload data to the TX FIFO, the host must check the available TX FIFO space by
performing a PIO read of the TX FIFO Information Register (TX_FIFO_INF). The host must ensure that it does not over-
fill the TX FIFO or the TX Error (TXE) flag will be asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com