Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 162 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 162 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 158Page - Microchip Technology LAN9250 Datasheet HTML 159Page - Microchip Technology LAN9250 Datasheet HTML 160Page - Microchip Technology LAN9250 Datasheet HTML 161Page - Microchip Technology LAN9250 Datasheet HTML 162Page - Microchip Technology LAN9250 Datasheet HTML 163Page - Microchip Technology LAN9250 Datasheet HTML 164Page - Microchip Technology LAN9250 Datasheet HTML 165Page - Microchip Technology LAN9250 Datasheet HTML 166Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 421 page
background image
LAN9250
DS00001913A-page 162
 2015 Microchip Technology Inc.
11.11.2.1
TX Command ‘A’
TABLE 11-12: TX COMMAND 'A' FORMAT
Bits
Description
31
Interrupt on Completion (IOC).
When set, the TX_IOC bit will be asserted in the Interrupt Status
Register (INT_STS) when the current buffer has been fully loaded into the TX FIFO.
30:26
Reserved.
These bits are reserved. Always write zeros to this field to guarantee future compatibility.
25:24
Buffer End Alignment.
This field specifies the alignment that must be maintained on the last data
transfer of a buffer. The host will add extra DWORDs of data up to the alignment specified in the table
below. The device will remove the extra DWORDs. This mechanism can be used to maintain cache
line alignment on host processors.
23:21
Reserved.
These bits are reserved. Always write zeros to this field to guarantee future compatibility
20:16
Data Start Offset (bytes).
This field specifies the offset of the first byte of TX data. The offset value
can be anywhere from 0 bytes to a 31 byte offset.
15:14
Reserved.
These bits are reserved. Always write zeros to this field to guarantee future compatibility
13
First Segment (FS).
When set, this bit indicates that the associated buffer is the first segment of the
packet.
12
Last Segment.
When set, this bit indicates that the associated buffer is the last segment of the packet
11
Reserved.
These bits are reserved. Always write zeros to this field to guarantee future compatibility.
10:0
Buffer Size (bytes).
This field indicates the number of bytes contained in the buffer following this com-
mand. This value, along with the Buffer End Alignment field, is read and checked by the device and
used to determine how many extra DWORDs were added to the end of the Buffer. A running count is
also maintained in the device of the cumulative buffer sizes for a given packet. This cumulative value
is compared against the Packet Length field in the TX command ‘B’ word and if they do not correlate,
the TXE flag is set.
The buffer size specified does not include the buffer end alignment padding or data start offset added
to a buffer.
[25]
[24]
End Alignment
0
0
4-byte alignment
0
1
16-byte alignment
1
0
32-byte alignment
11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com